Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 82 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 82 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 78Page - National Semiconductor (TI) PC87372 Datasheet HTML 79Page - National Semiconductor (TI) PC87372 Datasheet HTML 80Page - National Semiconductor (TI) PC87372 Datasheet HTML 81Page - National Semiconductor (TI) PC87372 Datasheet HTML 82Page - National Semiconductor (TI) PC87372 Datasheet HTML 83Page - National Semiconductor (TI) PC87372 Datasheet HTML 84Page - National Semiconductor (TI) PC87372 Datasheet HTML 85Page - National Semiconductor (TI) PC87372 Datasheet HTML 86Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
82
www.national.com
Revision 1.2
6.3.6
Keyboard Wake-Up Control Register (KBDWKCTL)
This register configures the keyboard events detected by the Keyboard/Mouse Wake-Up Detector. It is reset to 40h.
Power Well: VSB3
Location:
Offset 04h
Type:
R/W or RO
Bit
7
6
5
43210
Name
KBDMODE
EVT3CFG
EVT2CFG
EVT1CFG
Reset
0
1
0
00000
Bit
Description
7-6
KBDMODE (Keyboard Mode Select). This field selects one of the keyboard wake-up modes for the
Keyboard/Mouse Wake-Up Detector.
Bits
7 6
Keyboard Wake-Up Mode
0 0:
Special Key Sequence or Password: Configured by bits 3-0 of PS2CTL register
0 1:
Fast Any-Key: Indicates that any key was pressed on the keyboard (default)
1 0:
Power Management Keys: Configured by bits 5-0 of KBDWKCTL register
1 1:
Reserved
5-4
EVT3CFG (Keyboard Event 3 Configuration). These bits configure the keyboard data sequence for Keyboard
Event 3, which indicates that “PM Key 3” was pressed on the keyboard. The setting of the EVT3CFG field is
relevant only if the Keyboard/Mouse Wake-Up Detector is in Power Management Keys mode (KBDMODE = 10).
The keyboard data sequence used to detect Keyboard Event 3 is stored in registers PS2KEY6-7, starting with
PS2KEY6.
Bits
5 4
Sequence Length
0 0:
0 bytes: Keyboard Event 3 disabled (default)
0 1:
1 byte: PS2KEY6
1 0:
2 bytes: PS2KEY6, PS2KEY7
1 1:
Reserved
3-2
EVT2CFG (Keyboard Event 2 Configuration). These bits configure the keyboard data sequence for Keyboard
Event 2, which indicates that “PM Key 2” was pressed on the keyboard. The setting of the EVT2CFG field is
relevant only if the Keyboard/Mouse Wake-Up Detector is in Power Management Keys mode (KBDMODE = 10).
The keyboard data sequence used to detect Keyboard Event 2 is stored in registers PS2KEY3-5, starting with
PS2KEY3.
Bits
3 2
Sequence Length
0 0:
0 bytes: Keyboard Event 2 disabled (default)
0 1:
1 byte: PS2KEY3
1 0:
2 bytes: PS2KEY3, PS2KEY4
1 1:
3 bytes: PS2KEY3, PS2KEY4, PS2KEY5
1-0
EVT1CFG (Keyboard Event 1 Configuration). These bits configure the keyboard data sequence for Keyboard
Event 1, which indicates that “PM Key 1” was pressed on the keyboard. The setting of the EVT1CFG field is
relevant only if the Keyboard/Mouse Wake-Up Detector is in Power Management Keys mode (KBDMODE = 10).
The keyboard data sequence used to detect Keyboard Event 1 is stored in registers PS2KEY0-2, starting with
PS2KEY0.
Bits
1 0
Sequence Length
0 0:
0 bytes: Keyboard Event 1 disabled (default)
0 1:
1 byte: PS2KEY0
1 0:
2 bytes: PS2KEY0, PS2KEY1
1 1:
3 bytes: PS2KEY0, PS2KEY1, PS2KEY2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com