Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 21Page - National Semiconductor (TI) PC87372 Datasheet HTML 22Page - National Semiconductor (TI) PC87372 Datasheet HTML 23Page - National Semiconductor (TI) PC87372 Datasheet HTML 24Page - National Semiconductor (TI) PC87372 Datasheet HTML 25Page - National Semiconductor (TI) PC87372 Datasheet HTML 26Page - National Semiconductor (TI) PC87372 Datasheet HTML 27Page - National Semiconductor (TI) PC87372 Datasheet HTML 28Page - National Semiconductor (TI) PC87372 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 144 page
background image
2.0 Power, Reset and Clocks (Continued)
25
www.national.com
Revision 1.2
Figure 1 shows the power state transitions:
2.1.3
Power Connection and Layout Guidelines
The PC87372 requires a power supply voltage of 3.3V
± 10% for both the V
DD3 and VSB3 supplies. The on-chip Core power
converter generates a voltage below 3V for the internal logic.
VDD3, VSB3 and VCORF use a common ground return marked VSS.
To obtain the best performance, bear in mind the following recommendations.
Ground Connection. The following items must be connected to the ground layer (VSS) as close to the device as possible:
• The ground return (V
SS) pins
• The decoupling capacitors of the Main power supply (V
DD3) pins
• The decoupling capacitors of the Standby power supply (V
SB3) pins
• The decoupling capacitor of the Standby 5V supply (V
SB5) pin
• The decoupling capacitor of the on-chip Core power converter (V
CORF) pin
Note that a low-impedance ground layer also improves noise isolation.
Decoupling Capacitors. The following decoupling capacitors must be used in order to reduce EMI and ground bounce:
• Main power supply (V
DD3): Place one capacitor of 0.1 µF on each VDD3-VSS pin pair as close to the pin as possible. In
addition, place one 10
−47 µF tantalum capacitor on the common net as close to the chip as possible.
• Standby power supply (V
SB3): Place one capacitor of 0.1 µF on each VSB3-VSS pin pair as close to the pin as possible.
In addition, place one 10
−47 µF tantalum capacitor on the common net as close to the chip as possible.
• Standby 5V supply (V
SB5): Place one capacitor of 0.1 µF on the VSB5-VSS pin pair as close to the pin as possible.
• On-chip Core power converter (V
CORF): Place one 1 µF ceramic capacitor on the VCORF-VSS pin pair as close to the pin
as possible.
VDD3, VSB3 and VCORF Off
Power Fail
VDD3 Off, VSB3 and VCORF On
Power Off
VDD3, VSB3 and VCORF On
Power On
VSB3 On,
VDD3 On,
VSB3 Off
VDD3 Off
VDD3 On
VSB Power-Up Reset
VDD Power-Up Reset
VSB3 Off
VDD3 Off
Figure 1. Power State Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com