Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 93Page - National Semiconductor (TI) PC87372 Datasheet HTML 94Page - National Semiconductor (TI) PC87372 Datasheet HTML 95Page - National Semiconductor (TI) PC87372 Datasheet HTML 96Page - National Semiconductor (TI) PC87372 Datasheet HTML 97Page - National Semiconductor (TI) PC87372 Datasheet HTML 98Page - National Semiconductor (TI) PC87372 Datasheet HTML 99Page - National Semiconductor (TI) PC87372 Datasheet HTML 100Page - National Semiconductor (TI) PC87372 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 144 page
background image
7.0 Fan Speed Monitor (Continued)
97
www.national.com
Revision 1.2
7.3 FAN SPEED MONITOR REGISTERS
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from register (write to the same address is to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
7.3.1
Fan Speed Monitor Register Map
7.3.2
Fan Speed Monitor Threshold Low Register (FMTHRL)
This register holds the low byte (bits 7-0) of the lowest permitted fan speed value. It is reset to FFh.
Power Well: VDD3
Location:
Device specific
Type:
R/W
Table 36. Fan Speed Monitor Register Map
Offset
Mnemonic
Register Name
Type
Power Well
Section
Device specific1
1. The location of this register is defined in Section 3.14.1 on page 60.
FMTHRL
Fan Speed Monitor Threshold Low
R/W
VDD3
7.3.2
Device specific1
FMTHRH
Fan Speed Monitor Threshold High
R/W
VDD3
7.3.3
Device specific1
FMSPRL
Fan Speed Monitor Speed Low
RO
VDD3
7.3.4
Device specific1
FMSPRH
Fan Speed Monitor Speed High
RO
VDD3
7.3.5
Device specific1
FMCSR
Fan Speed Monitor Control and Status
Varies per bit
VDD3
7.3.6
Bit
76
5
43210
Name
THRSH_LOW
Reset
1
1
1
11111
Bit
Description
7-0
THRSH_LOW (Fan Speed Threshold Value - Low). This field contains the low byte of the threshold setting,
indicating the lowest permitted fan speed value. If the number of clock cycles counted in one fan revolution is
higher than the THRSH value, OVR_THR bit is set in FMCSR register and the FAN_SPD data is “frozen” at its
last value. In addition, an interrupt (if enabled) is issued.
To prevent unpredictable results, the contents of this register can only be changed when the corresponding
FANMON_EN bit in FSMCF register is reset to 0 (see Section 3.14.3 on page 61).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com