Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 90Page - National Semiconductor (TI) PC87372 Datasheet HTML 91Page - National Semiconductor (TI) PC87372 Datasheet HTML 92Page - National Semiconductor (TI) PC87372 Datasheet HTML 93Page - National Semiconductor (TI) PC87372 Datasheet HTML 94Page - National Semiconductor (TI) PC87372 Datasheet HTML 95Page - National Semiconductor (TI) PC87372 Datasheet HTML 96Page - National Semiconductor (TI) PC87372 Datasheet HTML 97Page - National Semiconductor (TI) PC87372 Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
94
www.national.com
Revision 1.2
Table 35. ACPI Register Map with Base Address at Index 62h, 63h
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
GPE1_STS
Reserved
PME_STS
01h-
03h
Reserved
Reserved
04h
GPE1_EN
Reserved
PME_EN
05h-
07h
Reserved
Reserved
08h
GPE1_STS_0
GPIOE07
_STS
GPIOE06
_STS
GPIOE05
_STS
GPIOE04
_STS
GPIOE03
_STS
GPIOE02
_STS
GPIOE01
_STS
GPIOE00
_STS
09h
GPE1_STS_1
Reserved
GPIOE13
_STS
GPIOE12
_STS
GPIOE11
_STS
GPIOE10
_STS
0Ah
GPE1_STS_
2
KBD_EVT3
_STS
KBD_EVT2
_STS
KBD_EVT1
_STS
MS_EVT
_STS
KBD_ANYK
_STS
RI_EVT
_STS
Reserved
0Bh
GPE1_STS_3
Reserved
MOD_IRQ
_STS
MS_IRQ
_STS
KBD_IRQ
_STS
Reserved
0Ch
GPE1_EN_0
GPIOE07
_EN
GPIOE06
_EN
GPIOE05
_EN
GPIOE04
_EN
GPIOE03
_EN
GPIOE02
_EN
GPIOE01
_EN
GPIOE00
_EN
0Dh
GPE1_EN_1
Reserved
GPIOE13
_EN
GPIOE12
_EN
GPIOE11
_EN
GPIOE10
_EN
0Eh
GPE1_EN_2
KBD_EVT3
_EN
KBD_EVT2
_EN
KBD_EVT1
_EN
MS_EVT
_EN
KBD_ANY
K_EN
RI_EVT
_EN
Reserved
0Fh
GPE1_EN_3
Reserved
MOD_IRQ
_EN
MS_IRQ
_EN
KBD_IRQ
_EN
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com