Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 61Page - National Semiconductor (TI) PC87372 Datasheet HTML 62Page - National Semiconductor (TI) PC87372 Datasheet HTML 63Page - National Semiconductor (TI) PC87372 Datasheet HTML 64Page - National Semiconductor (TI) PC87372 Datasheet HTML 65Page - National Semiconductor (TI) PC87372 Datasheet HTML 66Page - National Semiconductor (TI) PC87372 Datasheet HTML 67Page - National Semiconductor (TI) PC87372 Datasheet HTML 68Page - National Semiconductor (TI) PC87372 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 144 page
background image
5.0 General-Purpose Input/Output (GPIO) Ports (Continued)
65
www.national.com
Revision 1.2
The GPCFG2 register controls the Load Protection configuration option:
• V
DD-Powered Load: Disables the Output Buffer (if enabled), the Static Pull-Up (if enabled) and the Input Buffer if the
specific GPIO pin is connected to a VDD-powered device and VDD3 power to the PC87372 is not present (No_Vdd). This
function is controlled by the VDD-powered Load bit (bit 4).
5.2.2
Operation
If the output is enabled, the value that is written to the GPDO or GPDIO registers is driven to the pin. Reading from the GPDO
register returns its contents regardless of the actual pin value or the port configuration.
The GPDI register is a read-only register. Reading from the GPDI register returns the actual pin value regardless of its
source (the port itself or an external device). Writing to this register is ignored.
Reading from the GPDIO register returns the actual pin value regardless of its source.
Activation of the GPIO module is controlled by device-specific configuration bits. When this module is inactive, access
through the LPC bus to the runtime registers (GPDI, GPDO and GPDIO) is disabled; however, there is no change in the
GPDO and GPDIO values and therefore there is no effect on the outputs of the pins.
The configuration and data registers of each GPIO pin are reset according to the setting of VDDLOAD bit in GPCFG2 reg-
ister (see Section 3.13.6 on page 59).
5.3 EVENT HANDLING AND SYSTEM NOTIFICATION
The enhanced GPIO port (GPIOE) supports system notification based on event detection. This functionality is based on
configuration bits and a bit slice of runtime registers GPEVEN and GPEVST. The configuration and operation of the event
detection capability is shown in Figure 11. System notification is described in Section 5.3.2.
Figure 11. Event Detection
5.3.1
Event Configuration
Each pin in the GPIO port is a potential input event source. The event detection can trigger a system notification upon prede-
termined behavior of the source pin. The GPCFG1 register determines the event detection trigger type for system notification.
Event Debounce Enable
The input signal can be debounced for at least 16 ms, before entering the detector. To ensure that the signal is stable, the
signal state is transferred to the event detector only after a debouncing period during which the signal has no transitions.
The debouncer adds a delay equal to the debouncing period to both assertion and de-assertion of the event pending indi-
cator (IRQ, SCI). The debounce is controlled by Event Debounce Enable (bit 6 of GPCFG1 register).
Event
Enable
Event Polarity
Input
Debouncer
1
0
Event
Internal
Bus
0
1
Pin
Level =1
Write 1 to Clear
Status
Rising Edge or
Rising
Edge
Detector
High Level =1
GPIO Pin Configuration Register 1
Event Type
Event
Debounce
Enable
R/W
Bit 6
Bit 5
Bit 4
Indication
Pending
(GPCFG1)
Reset
Set
GPIO Event Indication to SWC
Read
GPIO
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com