Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 10Page - National Semiconductor (TI) PC87372 Datasheet HTML 11Page - National Semiconductor (TI) PC87372 Datasheet HTML 12Page - National Semiconductor (TI) PC87372 Datasheet HTML 13Page - National Semiconductor (TI) PC87372 Datasheet HTML 14Page - National Semiconductor (TI) PC87372 Datasheet HTML 15Page - National Semiconductor (TI) PC87372 Datasheet HTML 16Page - National Semiconductor (TI) PC87372 Datasheet HTML 17Page - National Semiconductor (TI) PC87372 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
1.0 Signal/Pin Connection and Description (Continued)
14
www.national.com
Revision 1.2
1.4 DETAILED SIGNAL/PIN DESCRIPTIONS
This section describes all signals of the PC87372 device. The signals are organized by functional group.
1.4.1
LPC Interface
Signal
Pin(s) I/O Buffer Type Power Well
Description
LAD3-0
57,59
61,62
I/O
INPCI/OPCI
VDD3
LPC Address-Data. Multiplexed command, address bi-directional
data and cycle status.
PCI_CLK
55
I
INPCI
VDD3
LPC Clock. PCI clock used for the LPC bus (up to 33 MHz).
LFRAME
56
I
INPCI
VDD3
LPC Frame. Low pulse indicates the beginning of a new LPC
cycle or termination of a broken cycle.
LDRQ
54
O
OPCI
VDD3
LPC DMA Request. Encoded DMA request for LPC interface.
PCI_RESET
63
I
INPCI
VDD3
LPC Reset. PCI system reset used for the LPC bus (Hardware
Reset).
SER_IRQ
53
I/O
INPCI/OPCI
VDD3
Serial IRQ. The interrupt requests are serialized over a single pin,
where each IRQ level is delivered during a designated time slot.
LPCPD
52
I
INPCI
VDD3
Power Down. Indicates that power to the LPC interface is about
to be turned off. When LPCPD functionality is not required, an
internal pull-up resistor allows this pin to be left floating.
PCIRST_OUT
73
O
O14/14
VSB3
PCI Reset Output. PCI system reset. PCIRST_OUT is a
buffered copy of PCI_RESET when VDD3 is on, and it is held at
low level when VDD3 is off.
PCIRST_OUT2 74
O
O14/14
VSB3
PCI Reset Output 2. PCI system reset (same behavior as
PCIRST_OUT above).
IDE_RSTDRV64
O
OD6
VDD3
IDE Reset Output. IDE drive reset. IDE_RSTDRV is a buffered
copy of PCI_RESET when VDD3 is on, and it is floating when
VDD3 is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com