Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 23Page - National Semiconductor (TI) PC87372 Datasheet HTML 24Page - National Semiconductor (TI) PC87372 Datasheet HTML 25Page - National Semiconductor (TI) PC87372 Datasheet HTML 26Page - National Semiconductor (TI) PC87372 Datasheet HTML 27Page - National Semiconductor (TI) PC87372 Datasheet HTML 28Page - National Semiconductor (TI) PC87372 Datasheet HTML 29Page - National Semiconductor (TI) PC87372 Datasheet HTML 30Page - National Semiconductor (TI) PC87372 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
2.0 Power, Reset and Clocks (Continued)
27
www.national.com
Revision 1.2
2.2.2
VDD Power-Up Reset
VDD Power-Up reset is generated by an internal circuit when VDD3 power is turned on. VDD Power-Up reset time (tIRST) lasts
until the PCI_RESET signal is de-asserted. The Hardware reset (PCI_RESET) must be asserted for a minimum of 10 ms to
ensure that the PC87372 device operates correctly.
External devices must wait at least tIRST before accessing the PC87372. If the host processor accesses the PC87372 during
this time, the PC87372 LPC interface ignores the transaction (that is, it does not return a SYNC handshake).
VDD Power-Up reset performs the following actions:
• Puts pins with strap options into TRI-STATE and enables their internal pull-up resistors
• Samples the logic levels of the strap pins
• Executes all the actions performed by the Hardware reset (see Section 2.2.3)
2.2.3
Hardware Reset
Hardware reset is activated by the assertion (low) of the PCI_RESET input while VDD3 is “good”. When VDD3 power is off,
the PC87372 device ignores the level of the PCI_RESET input. However, the PCIRST_OUT and PCIRST_OUT2 outputs
reflect the PCI_RESET input and thus are active (low). In addition, the Hardware reset (PCI_RESET) must be asserted after
VSB power-up, as described in Section 2.2.1.
Hardware reset performs the following actions:
• Resets all lock bits in configuration registers and SWC
• Sets up the pull-up option and the default source for the V
DD3-powered multiplexed output pins
• Executes all the actions performed by the Software reset (see Section 2.2.4)
2.2.4
Software Reset
The Software reset is triggered by the host setting SWRST bit in SIOCF1 register (see Section 3.7.2 on page 40) via the
LPC interface. The Host Software reset performs the following actions:
• Loads default values to the V
DD3-powered unlocked bits in the Configuration Control.
• Loads default values to the V
SB3-powered unlocked GPIO Configuration and Data bits for those GPIO ports with
VDDLOAD = 1. VDDLOAD bit is not affected.
• Resets all the V
DD3-powered Legacy logical devices.
• Loads default values to all the V
DD3-powered Legacy module registers.
2.3 CLOCK DOMAINS
The PC87372 device has three clock domains, as shown in Table 6.
The LPC and 48 MHz clock domains, and the modules using them, are supplied by the Main power plane. Therefore, these
two clock domains are active only when the VDD3 power supply is on.
2.3.1
LPC Domain
The LPC clock signal at the PCI_CLK pin must become valid (to the extent specified in PCI_CLK and PCI_RESET on page
133) before the end of the VDD Power-Up reset (see Section 2.2.2).
Table 6. Clock Domains of the PC87372
Clock
Domain
Frequency
Power
Plane
Source
Usage
LPC
Up to 33 MHz
VDD3
LPC clock input (PCI_CLK)
LPC bus Interface and Configuration Registers
48 MHz
48 MHz
VDD3
On-chip Clock Generator
Legacy functions (Serial Port, Parallel Port,
FDC, KBC) and FSM
32 KHz
32.768 KHz
VSB3
Clock input (CLOCKI32)
SWC, GPIO and Glue Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com