Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 85Page - National Semiconductor (TI) PC87372 Datasheet HTML 86Page - National Semiconductor (TI) PC87372 Datasheet HTML 87Page - National Semiconductor (TI) PC87372 Datasheet HTML 88Page - National Semiconductor (TI) PC87372 Datasheet HTML 89Page - National Semiconductor (TI) PC87372 Datasheet HTML 90Page - National Semiconductor (TI) PC87372 Datasheet HTML 91Page - National Semiconductor (TI) PC87372 Datasheet HTML 92Page - National Semiconductor (TI) PC87372 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
89
www.national.com
Revision 1.2
6.4.7
General-Purpose Status 1 Register 3 (GPE1_STS_3)
This register contains “child” events 24-31 of the GPE1_STS register.
The status bits behave according to the Sticky Status Bit definition in the ACPI Specification (i.e., the bit is set when the level
of the hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 0Bh
Type:
R/W1C
Bit
76543210
Name
Reserved
MOD_IRQ
_STS
MS_IRQ
_STS
KBD_IRQ
_STS
Reserved
Reset
00000000
Bit
Description
7-5
Reserved.
4
MOD_IRQ_STS (Modules IRQ Event Status). Indicates that an IRQ was generated by one of the Legacy
modules (FDC, Parallel Port, Serial Port) or the Fan Speed Monitor. This bit is set only if the IRQ is enabled for
wake-up (bit 4 of the Standard configuration register at index 70h) and the related module is active; see Section
3.2.3 on page 32. Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled IRQ from one of the Legacy modules or the Fan Speed Monitor is active
3
MS_IRQ_STS (Mouse IRQ Event Status). Indicates that an IRQ was generated by the mouse interface section
of the KBC module. This bit is set only if the IRQ is enabled for wake-up (bit 4 of the Mouse Logical Device
configuration register at index 70h) and the KBC module is active (see Section 3.2.3 on page 32). Writing 1
clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled IRQ from the mouse interface section of the KBC module is active
2
KBD_IRQ_STS (Keyboard IRQ Event Status). Indicates that an IRQ was generated by the keyboard interface
section of the KBC module. This bit is set only if the IRQ is enabled for wake-up (bit 4 of the Keyboard Logical
Device configuration register at index 70h) and the KBC module is active (see Section 3.2.3 on page 32). Writing
1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled IRQ from the keyboard interface section of the KBC module is active
1-0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com