Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 12Page - National Semiconductor (TI) PC87372 Datasheet HTML 13Page - National Semiconductor (TI) PC87372 Datasheet HTML 14Page - National Semiconductor (TI) PC87372 Datasheet HTML 15Page - National Semiconductor (TI) PC87372 Datasheet HTML 16Page - National Semiconductor (TI) PC87372 Datasheet HTML 17Page - National Semiconductor (TI) PC87372 Datasheet HTML 18Page - National Semiconductor (TI) PC87372 Datasheet HTML 19Page - National Semiconductor (TI) PC87372 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
1.0 Signal/Pin Connection and Description (Continued)
16
www.national.com
Revision 1.2
1.4.3
Parallel Port
Signal
Pin(s)
I/O
Buffer Type Power Well
Description
ACK
36
I
INT
VDD3
Acknowledge. Pulsed low by the printer to indicate that it has
received data from the parallel port.
AFD_DSTRB 50
O
OD14,O14/14
VDD3
AFD - Automatic Feed. When low, instructs the printer to
automatically feed a line after printing each line. This pin is in
TRI-STATE after a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
DSTRB - Data Strobe (EPP). Active low; used in EPP mode
to denote a data cycle. When the cycle is aborted, DSTRB
becomes inactive (high).
BUSY_WAIT 35
I
INT
VDD3
Busy. Set high by the printer when it cannot accept another
character.
Wait. In EPP mode, the parallel port device uses this active
low signal to extend its access cycle.
ERR
45
I
INT
VDD3
Error. Set active low by the printer when it detects an error.
INIT
48
O
OD14,O14/14
VDD3
Initialize. When low, initializes the printer. This signal is in
TRI-STATE after a 1 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
PD7-0
37-44
I/O
INT/O14/14
VDD3
Parallel Port Data. Transfers data to and from the peripheral
data bus and the appropriate parallel port data register. These
signals have a high current drive capability.
PE
34
I
INT
VDD3
Paper End. Set high by the printer when it is out of paper.
This pin has an internal weak pull-up or pull-down resistor.
SLCT
33
I
INT
VDD3
Select. Set active high by the printer when the printer is
selected.
SLIN_ASTRB 47
O
OD14,O14/14
VDD3
SLIN - Select Input. When low, selects the printer. This signal
is in TRI-STATE after a 0 is loaded into the corresponding
control register bit. An external 4.7 K
Ω pull-up resistor must
be connected to this pin.
ASTRB - Address Strobe (EPP). Active low, used in EPP
mode to denote an address or data cycle. When the cycle is
aborted, ASTRB becomes inactive (high).
STB_WRITE 51
O
OD14,O14/14
VDD3
STB - Data Strobe. When low, Indicates to the printer that
valid data is available at the printer port. This signal is in TRI-
STATE after a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor must be
connected to this pin.
WRITE - Write Strobe. Active low, used in EPP mode to
denote an address or data cycle. When the cycle is aborted,
WRITE becomes inactive (high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com