Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 72 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 72 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 68Page - National Semiconductor (TI) PC87372 Datasheet HTML 69Page - National Semiconductor (TI) PC87372 Datasheet HTML 70Page - National Semiconductor (TI) PC87372 Datasheet HTML 71Page - National Semiconductor (TI) PC87372 Datasheet HTML 72Page - National Semiconductor (TI) PC87372 Datasheet HTML 73Page - National Semiconductor (TI) PC87372 Datasheet HTML 74Page - National Semiconductor (TI) PC87372 Datasheet HTML 75Page - National Semiconductor (TI) PC87372 Datasheet HTML 76Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
72
www.national.com
Revision 1.2
Modem Ring Event
High-to-low transitions on RI indicate the detection of a ring signal by an external modem connected to the Serial Port. The
transitions on RI are detected by the RI Wake-Up Detector powered by VSB3, which works independently of the Serial Port
module (powered by VDD3).
A detected RI transition sets the RI_EVT_STS status bit in GPE1_STS_2 register (see Section 6.4.6 on page 88). The status
bit is cleared only when the software writes 1 to it.
The transition detection from RI is enabled (for event generation) tEWIV after VSB3 power is on (see Wake-Up Inputs at VSB3
Power Switching on page 143). This prevents the detection of false events during VSB3 power-On transitions.
Mouse Wake-Up Event
A mouse wake-up event is detected by the Keyboard/Mouse Wake-Up Detector, which monitors the MCLK and MDAT sig-
nals. Since the detection mechanisms for keyboard and mouse events are independent, they can be operated simultaneous-
ly. Moreover, the Keyboard signals may be swapped with the Mouse signals by setting SWAP bit in KBC Configuration
register (see Section 3.12.3 on page 54). The Keyboard/Mouse Wake-Up Detector is powered by VSB3 and works indepen-
dently of the Keyboard Controller module (powered by VDD3).
The mouse event detection mechanism can be programed to detect either a mouse click or movement, a specific mouse
click (left or right) or a double-click. To program which mouse action causes an event detection, set MSEVCFG field in
PS2CTL register to the required value (see Section 6.3.7 on page 83).
A detected mouse event sets the MS_EVT_STS status bit in GPE1_STS_2 register (see Section 6.4.6 on page 88). The
status bit is cleared only when the software writes 1 to it.
Mouse event detection from MCLK and MDAT is enabled (for event generation) tEWIV after VSB3 power is on (see Wake-Up
Inputs at VSB3 Power Switching on page 143). This prevents the detection of false Mouse events during VSB3 power-On
transitions.
Keyboard Wake-Up Events
Keyboard wake-up events are also detected by the Keyboard/Mouse Wake-Up Detector, which monitors the KBCLK and
KBDAT signals. Since the detection mechanisms for keyboard and mouse events are independent, they can be operated
simultaneously. Moreover, the Keyboard signals may be swapped with the Mouse signals, by setting SWAP bit in KBC Con-
figuration register (see Section 3.12.3 on page 54). The Keyboard/Mouse Wake-Up Detector is powered by VSB3 and works
independently of the Keyboard Controller module (powered by VDD3).
The keyboard event detection mechanism can be programed to detect:
q
Any keystroke (Fast Any-Key or Special Key Sequence modes).
q
A specific programmable sequence of up to eight alphanumeric keystrokes (Password mode).
q
Any programmable sequence of up to eight bytes of data received from the keyboard (Special Key Sequence mode).
q
Up to three programmable Power Management keys concurrently available, each including a sequence of up to three
bytes of data received from the keyboard (Power Management Keys mode).
The Keyboard/Mouse Wake-Up Detector has four operation modes:
q
Fast Any-Key mode
q
Password mode
q
Special Key Sequence mode
q
Power Management Keys mode
Up to eight Keyboard Data registers (PS2KEY0-7) are used to define which keyboard data string generates an event. Since
the same set of registers is used by three of the four operation modes, only one mode can be selected at a time.
For modes involving more than one keystroke, the maximum delay allowed between pressing two consecutive keys is 4 sec-
onds. A longer delay is interpreted by the Wake-Up Detector as the beginning of a new sequence of keystrokes, which caus-
es the present sequence to be discarded. In all operation modes, pressing a wrong key requires a recovery time of 4
seconds, before a new (correct) sequence may be recognized.
Fast Any-Key Mode. In this mode, pressing any key on the keyboard is identified as a keyboard event and, as a result,
KBD_ANYK_STS bit in GPE1_STS_2 register is set (see Section 6.4.6 on page 88). The status bit is cleared only when the
software writes 1 to it. The key data contained in the PS2KEY0-7 registers is ignored. To program the Keyboard/Mouse
Wake-Up Detector to operate in Fast Any-Key mode, set KBDMODE field in KBDWKCTL register to ‘01’ (see Section 6.3.6
on page 82).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com