Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 66Page - National Semiconductor (TI) PC87372 Datasheet HTML 67Page - National Semiconductor (TI) PC87372 Datasheet HTML 68Page - National Semiconductor (TI) PC87372 Datasheet HTML 69Page - National Semiconductor (TI) PC87372 Datasheet HTML 70Page - National Semiconductor (TI) PC87372 Datasheet HTML 71Page - National Semiconductor (TI) PC87372 Datasheet HTML 72Page - National Semiconductor (TI) PC87372 Datasheet HTML 73Page - National Semiconductor (TI) PC87372 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 144 page
background image
70
www.national.com
Revision 1.2
6.0
System Wake-Up Control (SWC)
6.1 OVERVIEW
The System Wake-Up Control (SWC) supports the ACPI Specification, Revision 2.0, Feb. 2, 1999.
The SWC functional block receives external events from the system; it also receives internal events from the functional
blocks of the PC87372 device. Based on these events, the SWC generates the Power Management SCI interrupt (SIOPME)
and the system interrupt (IRQ). In addition, it controls two LED indicators.
The SWC receives the following external events:
• 12 V
SB-powered General-Purpose Input/Output events (GPIOE13-10 and GPIOE07-00).
• Modem Ring event (RI).
• Mouse movement and button pressing events (via MCLK and MDAT).
• Advanced key pressing events from the Keyboard (via KBCLK and KBDAT).
The SWC receives the following internal events:
• Keyboard and Mouse interrupt event (IRQ).
• Module interrupt (IRQ) event from the Fan Speed Monitor or the Legacy functional blocks (FDC, Parallel Port and Serial
Port).
The SWC implements the ACPI generic register group (General-Purpose Event 1 group) with “child” events.
The SWC generates the Power Management Event signal (the ACPI interrupt, SIOPME) and the system interrupt (IRQ)
based on the external and internal events and on the routing information written into the General-Purpose Event 1 register
group. The ACPI-compatible SCI interrupt (SIOPME) and the system interrupt (IRQ) are independent of the current sleep
state.
The SWC receives sleep state information via the SLP_S3 and SLP_S5 pins from an external ACPI controller.
In addition, the SWC controls two LED indicators. The Standard LED Control option is used to provide blinking or constantly
lit LEDs. The Advanced LED Control option provides programmable blink based on the current sleep state information or on
the status of the VSB3 and VDD3 power supplies.
The SWC module is powered by VSB3.
Figure 13 shows the simplified block diagram of the SWC functional block.
Figure 13. SWC Block Diagram
External
Events
SIOPME
SCI
Interrupt
Status
GRN_LED
YLW_LED
LED
Control
Debounce
and
Detection
Event
Status
21
Internal
Events
6
15
VDD3 Status
2
SPL_S3
SLP_S5
Keyboard
and Mouse
Detection
Event
Enable
SCI
Interrupt
Enable
(IRQ)
IRQ
Routing
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com