Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 8Page - National Semiconductor (TI) PC87372 Datasheet HTML 9Page - National Semiconductor (TI) PC87372 Datasheet HTML 10Page - National Semiconductor (TI) PC87372 Datasheet HTML 11Page - National Semiconductor (TI) PC87372 Datasheet HTML 12Page - National Semiconductor (TI) PC87372 Datasheet HTML 13Page - National Semiconductor (TI) PC87372 Datasheet HTML 14Page - National Semiconductor (TI) PC87372 Datasheet HTML 15Page - National Semiconductor (TI) PC87372 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 144 page
background image
1.0 Signal/Pin Connection and Description (Continued)
12
www.national.com
Revision 1.2
1.2 BUFFER TYPES AND SIGNAL/PIN DIRECTORY
The signal DC characteristics of the pins described in Section 1.4 on page 14 are denoted by buffer type symbols, which are
defined in Table 1 and described in further detail in Section 10.2 on page 123. The pin multiplexing information refers to two
different types of multiplexing:
q
Multiplexed, denoted by a slash (/) between pins in the diagrams in Section 1.1. Pins are shared between two differ-
ent functions. Each function is associated with different board connectivity. Normally, the function selection is deter-
mined by the board design and cannot be changed dynamically. The multiplexing options must be configured by the
BIOS on power-up in order to comply with the board implementation.
q
Multiple Mode, denoted by an underscore (_) between pins in the diagrams in Section 1.1. Pins have two or more
modes of operation within the same function. These modes are associated with the same external (board)
connectivity. Mode selection may be controlled by the device driver through the registers of the functional block and
do not require a special BIOS setup on power-up. These pins are not considered multiplexed pins from the PC87372
configuration perspective. The mode selection method (registers and bits), as well as the signal specification in each
mode, are described within the functional description of the relevant functional block.
Table 1. Buffer Types
Symbol
Description
INT
Input, TTL compatible
INTS
Input, TTL compatible, with Schmitt Trigger
INTS4
Input, TTL compatible, with 400 mV Schmitt Trigger
INPCI
Input, PCI 3.3V compatible
INULR
Input, power, resistor protected (not characterized)
AI
Input, analog (0-5.5V tolerant)
Op/n
Output, TTL/CMOS compatible, push-pull buffer capable of sourcing p mA
and sinking n mA
ODn
Output, TTL/CMOS compatible, open-drain buffer capable of sinking n mA
OPCI
Output, PCI 3.3V compatible,
AO
Output, analog (0-5.5V tolerant)
SWSM
Input/Output switch, SMBus compatible
PWR
Power pin
GND
Ground pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com