Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87372 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 81Page - National Semiconductor (TI) PC87372 Datasheet HTML 82Page - National Semiconductor (TI) PC87372 Datasheet HTML 83Page - National Semiconductor (TI) PC87372 Datasheet HTML 84Page - National Semiconductor (TI) PC87372 Datasheet HTML 85Page - National Semiconductor (TI) PC87372 Datasheet HTML 86Page - National Semiconductor (TI) PC87372 Datasheet HTML 87Page - National Semiconductor (TI) PC87372 Datasheet HTML 88Page - National Semiconductor (TI) PC87372 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 144 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
85
www.national.com
Revision 1.2
6.4 ACPI REGISTERS
The ACPI registers are organized in two groups, which are both powered by VSB3. The offsets of the two groups of ACPI
registers are related to the base address determined by the Base Address registers at indexes 62h-63h in the SWC device
configuration.
The PC87372 device supports the General-Purpose Event 1, ACPI generic register group. This group contains the
GPE1_STS and GPE1_EN registers, each with a length of one byte. In addition, the device supports the “child” events of
the General-Purpose Event 1 register group in the GPE1_STS_0-GPE1_STS_3 and the GPE1_EN_0-GPE1_EN_3 regis-
ters.
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from register (data written to this address is sent to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
6.4.1
ACPI Register Map
The following table lists the ACPI registers. All of these registers are VSB3 powered.
Table 33. ACPI Register Map
Base
Registers
Offset
Mnemonic
Register Name
Type
Power Well Section
At index
62h, 63h
00h
GPE1_STS
General-Purpose Status 1 Register
R/W1C
VSB3
6.4.2
01h-03h
Reserved
04h
GPE1_EN
General-Purpose Enable 1 Register
R/W
VSB3
6.4.3
05h-07h
Reserved
08h
GPE1_STS_0
General-Purpose Status 1 Register 0
R/W1C
VSB3
6.4.4
09h
GPE1_STS_1
General-Purpose Status 1 Register 1
R/W1C
VSB3
6.4.5
0Ah
GPE1_STS_2
General-Purpose Status 1 Register 2
R/W1C
VSB3
6.4.6
0Bh
GPE1_STS_3
General-Purpose Status 1 Register 3
R/W1C
VSB3
6.4.7
0Ch
GPE1_EN_0
General-Purpose Enable 1 Register 0
R/W
VSB3
6.4.8
0Dh
GPE1_EN_1
General-Purpose Enable 1 Register 1
R/W
VSB3
6.4.9
0Eh
GPE1_EN_2
General-Purpose Enable 1 Register 2
R/W
VSB3
6.4.10
0Fh
GPE1_EN_3
General-Purpose Enable 1 Register 3
R/W
VSB3
6.4.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com