Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 24Page - Analog Devices AD9689-2000EBZ Datasheet HTML 25Page - Analog Devices AD9689-2000EBZ Datasheet HTML 26Page - Analog Devices AD9689-2000EBZ Datasheet HTML 27Page - Analog Devices AD9689-2000EBZ Datasheet HTML 28Page - Analog Devices AD9689-2000EBZ Datasheet HTML 29Page - Analog Devices AD9689-2000EBZ Datasheet HTML 30Page - Analog Devices AD9689-2000EBZ Datasheet HTML 31Page - Analog Devices AD9689-2000EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 28 of 134
THEORY OF OPERATION
The AD9689 has two analog input channels and up to eight
JESD204B output lane pairs. The ADC samples wide bandwidth
analog signals of up to 5 GHz. The actual −3 dB roll-off of the
analog inputs is 9 GHz. The AD9689 is optimized for wide input
bandwidth, high sampling rate, excellent linearity, and low
power in a small package.
The dual ADC cores feature a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth inputs supporting a variety of
user-selectable input ranges. An integrated voltage reference
eases design considerations.
The AD9689 has several functions that simplify the AGC
function in a communications receiver. The programmable
threshold detector allows monitoring of the incoming signal
power using the fast detect output bits of the ADC. If the input
signal level exceeds the programmable threshold, the fast detect
indicator goes high. Because this threshold indicator has low
latency, the user can quickly turn down the system gain to avoid
an overrange condition at the ADC input.
The Subclass 1 JESD204B-based high speed serialized output data
lanes can be configured in one-lane (L = 1), two-lane (L = 2),
four-lane (L = 4), and eight-lane (L = 8) configurations, depending
on the sample rate and the decimation ratio. Multiple device
synchronization is supported through the SYSREF± and
SYNCINB± input pins. The SYSREF± pin in the AD9689 can
also be used as a timestamp of data as it passes through the
ADC and out of the JESD204B interface.
ADC ARCHITECTURE
The architecture of the AD9689 consists of an input buffered
pipelined ADC. The input buffer provides a termination
impedance to the analog input signal. This termination
impedance is set to 200 Ω. The equivalent circuit diagram of the
analog input termination is shown in Figure 66. The input
buffer is optimized for high linearity, low noise, and low power
across a wide bandwidth.
The input buffer provides a linear high input impedance
(for ease of drive) and reduces kickback from the ADC. The
quantized outputs from each stage are combined into a final
14-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate with a new input
sample; at the same time, the remaining stages operate with the
preceding samples. Sampling occurs on the rising edge of the clock.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9689 is a differential buffer. The internal
common-mode voltage of the buffer is 1.4 V. The clock signal
alternately switches the input circuit between sample mode and
hold mode.
Either a differential capacitor or two single-ended capacitors (or
a combination of both) can be placed on the inputs to provide a
matching passive network. These capacitors ultimately create a
low-pass filter that limits unwanted broadband noise. For more
information, refer to the Analog Dialogue article, “Transformer-
Coupled Front-End for Wideband A/D Converters” (Volume 39,
April 2005). In general, the precise front-end network
component values depend on the application.
Figure 78 shows the differential input return loss curve for the
analog inputs across a frequency range of 100 MHz to 10 GHz.
The reference impedance is 100 Ω.
0
0
5.0
–5.0
2.0
1.0
–1.0
FREQUENCY (100MHz TO 10GHz)
–2.0
0.5
–0.5
0.2
–0.2
m5
m4
m3
m2
m1
m1
FREQUENCY = 100MHz
SDD11 = 0.301/–8.069
IMPEDANCE = Z0 × (1.838 – j0.171)
m2
FREQUENCY = 1GHz
SDD11 = 0.352/–73.534
IMPEDANCE = Z0 × (0.947 – j0.731)
m3
FREQUENCY = 3GHz
SDD11 = 0.496/175.045
IMPEDANCE = Z0 × (0.337 – j0.038)
m4
FREQUENCY = 4GHz
SDD11 = 0.500/136.667
IMPEDANCE = Z0 × (0.379 + j0.347)
m5
FREQUENCY = 5GHz
SDD11 = 0.475/79.360
IMPEDANCE = Z0 × (0.737 + j0.889)
Figure 78. Differential Input Return Loss
For best dynamic performance, the source impedances driving
VIN+x and VIN−x must be matched such that common-mode
settling errors are symmetrical. These errors are reduced by the
common-mode rejection of the ADC. An internal reference
buffer creates a differential reference that defines the span of the
ADC core.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. For the AD9689,
the available span is programmable through the SPI port from
1.13 V p-p to 2.04 V p-p differential, with 1.7 V p-p differential
being the default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com