Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 40Page - Analog Devices AD9689-2000EBZ Datasheet HTML 41Page - Analog Devices AD9689-2000EBZ Datasheet HTML 42Page - Analog Devices AD9689-2000EBZ Datasheet HTML 43Page - Analog Devices AD9689-2000EBZ Datasheet HTML 44Page - Analog Devices AD9689-2000EBZ Datasheet HTML 45Page - Analog Devices AD9689-2000EBZ Datasheet HTML 46Page - Analog Devices AD9689-2000EBZ Datasheet HTML 47Page - Analog Devices AD9689-2000EBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 44 of 134
DIGITAL DOWNCONVERTER (DDC)
The AD9689 includes four digital downconverters (DDC0 to
DDC3) that provide filtering and reduce the output data rate. This
digital processing section includes an NCO, multiple decimating
FIR filters, a gain stage, and a complex to real conversion stage.
Each of these processing blocks has control lines that allow it to be
independently enabled and disabled to provide the desired
processing function. The digital downconverter can be configured
to output either real data or complex output data.
The DDCs output a 16-bit stream. To enable this operation, the
converter number of bits, N, is set to a default value of 16, even
though the analog core only outputs 14 bits. In full bandwidth
operation, the ADC outputs are the 14-bit word followed by two
zeros, unless the tail bits are enabled.
DDC I/Q INPUT SELECTION
The AD9689 has two ADC channels and four DDC channels.
Each DDC channel has two input ports that can be paired to
support both real and complex inputs through the I/Q crossbar
mux. For real signals, both DDC input ports must select the
same ADC channel (that is, DDC Input Port I = ADC Channel A
and DDC Input Port Q = ADC Channel A). For complex
signals, each DDC input port must select different ADC
channels (that is, DDC Input Port I = ADC Channel A and
DDC Input Port Q = ADC Channel B).
The inputs to each DDC are controlled by the DDC input selec-
tion registers (Register 0x0311, Register 0x0331, Register 0x0351,
and Register 0x0371). See Table 48 and Table 50 for information
on how to configure the DDCs.
DDC I/Q OUTPUT SELECTION
Each DDC channel has two output ports that can be paired to
support both real and complex outputs. For real output signals,
only the DDC Output Port I is used (the DDC Output Port Q is
invalid). For complex I/Q output signals, both DDC Output
Port I and DDC Output Port Q are used.
The I/Q outputs to each DDC channel are controlled by the
DDCx complex to real enable bit, Bit 3, in the DDCx control
registers (Register 0x0310, Register 0x0330, Register 0x0350,
and Register 0x0370).
The chip Q ignore bit in the chip mode register (Register 0x0200,
Bit 5) controls the chip output muxing of all the DDC channels.
When all DDC channels use real outputs, set this bit high to
ignore all DDC Q output ports. When any of the DDC channels
are set to use complex I/Q outputs, the user must clear this bit
to use both DDC Output Port I and DDC Output Port Q. For
more information, see Figure 126.
DDC GENERAL DESCRIPTION
The four DDC blocks extract a portion of the full digital
spectrum captured by the ADC(s). They are intended for IF
sampling or oversampled baseband radios requiring wide
bandwidth input signals.
Each DDC block contains the following signal processing
stages:
•
Frequency translation stage (optional)
•
Filtering stage
•
Gain stage (optional)
•
Complex to real conversion stage (optional)
DDC Frequency Translation Stage (Optional)
This stage consists of a phase coherent NCO and quadrature
mixers that can be used for frequency translation of both real or
complex input signals. The phase coherent NCO allows an
infinite number of frequency hops that are all referenced back
to a single synchronization event. It also includes 16 shadow
registers for fast switching applications. This stage shifts a
portion of the available digital spectrum down to baseband.
DDC Filtering Stage
After shifting down to baseband, this stage decimates the
frequency spectrum using multiple low-pass finite impulse
response (FIR) filters for rate conversion. The decimation
process lowers the output data rate, which in turn reduces the
output interface rate.
DDC Gain Stage (Optional)
Because of losses associated with mixing a real input signal
down to baseband, this stage compensates by adding an
additional 0 dB or 6 dB of gain.
DDC Complex to Real Conversion Stage (Optional)
When real outputs are necessary, this stage converts the
complex outputs back to real by performing an fS/4 mixing
operation plus a filter to remove the complex component of the
signal.
Figure 109 shows the detailed block diagram of the DDCs
implemented in the AD9689.
Figure 110 shows an example usage of one of the four DDC
channels with a real input signal and four half-band filters
(HB4 + HB3 + HB2 + HB1) used. It shows both complex
(decimate by 16) and real (decimate by 8) output options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com