Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 31Page - Analog Devices AD9689-2000EBZ Datasheet HTML 32Page - Analog Devices AD9689-2000EBZ Datasheet HTML 33Page - Analog Devices AD9689-2000EBZ Datasheet HTML 34Page - Analog Devices AD9689-2000EBZ Datasheet HTML 35Page - Analog Devices AD9689-2000EBZ Datasheet HTML 36Page - Analog Devices AD9689-2000EBZ Datasheet HTML 37Page - Analog Devices AD9689-2000EBZ Datasheet HTML 38Page - Analog Devices AD9689-2000EBZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 35 of 134
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. Calculate the degradation in SNR at a given
input frequency (fA) due only to aperture jitter (tJ) by
SNRJITTER = −20 × log10 (2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root
mean square of all jitter sources, including the clock input,
analog input signal, and ADC aperture jitter specifications.
Intermediate frequency (IF) undersampling applications are
particularly sensitive to jitter (see Figure 95).
130
120
110
100
90
80
70
60
50
40
30
10
100
1000
10000
ANALOG INPUT FREQUENCY (MHz)
12.5
fS
25
fS
50
fS
100
fS
200
fS
400
fS
800
fS
Figure 95. Ideal SNR vs. Analog Input Frequency and Jitter
Treat the clock input as an analog signal when aperture jitter
may affect the dynamic range of the AD9689. Separate power
supplies for clock drivers from the ADC output driver supplies
to avoid modulating the clock signal with digital noise. If the
clock is generated from another type of source (by gating,
dividing, or other methods), retime the clock by the original clock
at the last step. Refer to the AN-501 Application Note and the
AN-756 Application Note for more information about jitter
performance as it relates to ADCs.
Figure 96 shows the estimated SNR of the AD9689 across input
frequency for different clock induced jitter values. Estimate the
SNR by using the following equation:
SNR (dBFS) = −10log10
+


 −
 −
10
10
10
10
JITTER
ADC
SNR
SNR
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
10M
100M
1G
10G
INPUT FREQUENCY (Hz)
25
fS
50
fS
75
fS
100
fS
125
fS
150
fS
175
fS
200
fS
Figure 96. Estimated SNR Degradation vs. Input Frequency and RMS Jitter
for the 2.6 GSPS
POWER-DOWN AND STANDBY MODE
The AD9689 has a PDWN/STBY pin that can be used to
configure the device in power-down or standby mode. The
default operation is PDWN. The PDWN/STBY pin is a logic
high pin. When in power-down mode, the JESD204B link is
disrupted. The power-down option can also be set via
Register 0x003F and Register 0x0040.
In standby mode, the JESD204B link is not disrupted and transmits
zeros for all converter samples. Change this transmission using
Register 0x0571, Bit 7 to select /K/ characters.
TEMPERATURE DIODE
The AD9689 contains diode-based temperature sensors. The
diodes output voltages commensurate to the temperature of the
silicon. There are multiple diodes on the die, but the results
established using the temperature diode at the central location
of the die can be regarded as representative of the entire die.
However, in applications where only one channel is used (the
other channel being in a power-down state), it is recommended
to read the temperature diode corresponding to the channel
that is on. Figure 97 shows the locations of the diodes in the
AD9689 with voltages that can be output to the VREF pin. In
each location, there is a pair of diodes, one of which is 20× the
size of the other. It is recommended to use both diodes in a
location to obtain an accurate estimate of the die temperature.
For more information, see the AN-1432 Application Note.
ADC
A
ADC
B
ADC
DIGITAL
VREF
JESD204B DRIVER
TEMPERATURE DIODE
LOCATIONS
CHANNEL A, CENTRAL,
CHANNEL B
Figure 97. Temperature Diode Locations in the Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com