Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 2Page - Analog Devices AD9689-2000EBZ Datasheet HTML 3Page - Analog Devices AD9689-2000EBZ Datasheet HTML 4Page - Analog Devices AD9689-2000EBZ Datasheet HTML 5Page - Analog Devices AD9689-2000EBZ Datasheet HTML 6Page - Analog Devices AD9689-2000EBZ Datasheet HTML 7Page - Analog Devices AD9689-2000EBZ Datasheet HTML 8Page - Analog Devices AD9689-2000EBZ Datasheet HTML 9Page - Analog Devices AD9689-2000EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 6 of 134
POWER CONSUMPTION
Total Power Dissipation (Including Output
Drivers)3
2.45
3.1
W
Power-Down Dissipation
265
300
mW
Standby 4
1.3
1.5
W
1
The junction temperature (TJ) range of −10°C to +120°C translates to an ambient temperature (TA) range of −40°C to +85°C.
2
All lanes running. Power dissipation on DRVDDx changes with lane rate and number of lanes used.
3
Default mode. No DDCs used.
4
Can be controlled by the SPI.
AC SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V,
SPIVDD = 1.9 V, sampling rate = 2.0 GHz/2.56 GHz, clock divider = 2, 1.7 V p-p full-scale differential input, input amplitude (AIN) =
−2.0 dBFS, default SPI settings, −10°C ≤ TJ ≤ +120°C,1 unless otherwise noted. Typical specifications represent performance at TJ = 70°C
(TA = 25°C).
Table 2.
2.0 GSPS
2.6 GSPS
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
NOISE DENSITY3
Full Scale = 1.7 V p-p
−154.2
−152
dBFS/Hz
Full Scale = 2.0 V p-p
−155.3
−154
dBFS/Hz
CODE ERROR RATE (CER)
AVDD1 = 0.975 V
7 × 10−15
9 × 10−9
Errors
AVDD1 = 1.0 V
3 × 10−15
4.5 × 10−10
Errors
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 155 MHz
63.7
61.3
dBFS
fIN = 155 MHz (Full Scale = 2.0 V p-p)
65.0
62.5
dBFS
fIN = 750 MHz
63.1
61.0
dBFS
fIN = 900 MHz
60.2
62.7
60.9
dBFS
fIN = 1800 MHz
60.9
56.0
59.7
dBFS
fIN = 2100 MHz
59.9
59.3
dBFS
fIN = 3300 MHz
58.3
58.0
dBFS
fIN = 4350 MHz (Full Scale = 1.1 V p-p)
54.4
54.0
dBFS
fIN = 5530 MHz (Full Scale = 1.1 V p-p)
53.1
53.0
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION RATIO (SINAD)
fIN = 155 MHz
63.5
61.2
dBFS
fIN = 155 MHz (Full Scale = 2.0 V p-p)
64.7
62.4
dBFS
fIN = 750 MHz
62.8
60.7
dBFS
fIN = 900 MHz
59.6
62.5
60.5
dBFS
fIN = 1800 MHz
60.8
52.4
59.4
dBFS
fIN = 2100 MHz
59.7
59.1
dBFS
fIN = 3300 MHz
55.3
56.6
dBFS
fIN = 4350 MHz (Full Scale = 1.1 V p-p)
53.2
51.0
dBFS
fIN = 5530 MHz (Full Scale = 1.1 V p-p)
52.3
49.5
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 155 MHz
10.3
9.9
Bits
fIN = 155 MHz (Full Scale = 2.0 V p-p)
10.5
10.1
Bits
fIN = 750 MHz
10.1
9.8
Bits
fIN = 900 MHz
9.6
10.1
9.8
Bits
fIN = 1800 MHz
9.8
8.4
9.6
Bits
fIN = 2100 MHz
9.6
9.5
Bits
fIN = 3300 MHz
8.9
9.1
Bits
fIN = 4350 MHz (Full Scale = 1.1 V p-p)
8.6
8.2
Bits
fIN = 5530 MHz (Full Scale = 1.1 V p-p)
8.4
7.9
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com