Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 43Page - Analog Devices AD9689-2000EBZ Datasheet HTML 44Page - Analog Devices AD9689-2000EBZ Datasheet HTML 45Page - Analog Devices AD9689-2000EBZ Datasheet HTML 46Page - Analog Devices AD9689-2000EBZ Datasheet HTML 47Page - Analog Devices AD9689-2000EBZ Datasheet HTML 48Page - Analog Devices AD9689-2000EBZ Datasheet HTML 49Page - Analog Devices AD9689-2000EBZ Datasheet HTML 50Page - Analog Devices AD9689-2000EBZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 47 of 134
DDC FREQUENCY TRANSLATION
DDC Frequency Translation General Description
Frequency translation is accomplished by using a 48-bit
complex NCO with a digital quadrature mixer. This stage
translates either a real or complex input signal from an IF to a
baseband complex digital output (carrier frequency = 0 Hz).
The frequency translation stage of each DDC can be controlled
individually and supports four different IF modes using Bits[5:4]
of the DDCx control registers (Register 0x0310, Register
0x0330, Register 0x0350, and Register 0x0370). These IF modes
are
•
Variable IF mode
•
0 Hz IF or zero IF (ZIF) mode
•
fS/4 Hz IF mode
•
Test mode
Variable IF Mode
In variable IF mode, the NCO and mixers are enabled. NCO
output frequency can be used to digitally tune the IF frequency.
0 Hz IF (ZIF) Mode
In ZIF mode, the mixers are bypassed, and the NCO is disabled.
fS/4 Hz IF Mode
In fS/4 Hz IF mode, the mixers and the NCO are enabled in
downmixing by fS/4 mode to save power.
Test Mode
In test mode, input samples are forced to 0.999 to positive full
scale. The NCO is enabled. This test mode allows the NCOs to
directly drive the decimation filters.
Figure 111 and Figure 112 show examples of the frequency
translation stage for both real and complex inputs, respectively.
BANDWIDTH OF
INTEREST
BANDWIDTH OF
INTEREST IMAGE
NCO FREQUENCY TUNING WORD (FTW) SELECTION
48-BIT NCO FTW = MIXING FREQUENCY/ADC SAMPLE RATE × 248
ADC + DIGITAL MIXER + NCO
REAL INPUT—SAMPLED AT
fS
DC
DC
–
fS/32
fS/32
DC
–
fS/32
fS/32
cos(ωt)
0°
90°
I
Q
ADC
SAMPLING
AT
fS
REAL
REAL
–sin(ωt)
48-BIT
NCO
POSITIVE FTW VALUES
NEGATIVE FTW VALUES
COMPLEX
–6dB LOSS DUE TO
NCO + MIXER
–
fS/2
–
fS/3
–
fS/4
–
fS/8
fS/16
fS/8
fS/4
fS/3
fS/2
–
fS/16
–
fS/32
fS/32
48-BIT NCO FTW =
ROUND ((
fS/3)/fS × 248) = +9.382513
(0x5555_5555_5555)
48-BIT NCO FTW =
ROUND ((
fS/3)/fS × 248) = –9.382513
(0xAAAA_AAAA_AAAA)
Figure 111. DDC NCO Frequency Tuning Word Selection—Real Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com