Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 29Page - Analog Devices AD9689-2000EBZ Datasheet HTML 30Page - Analog Devices AD9689-2000EBZ Datasheet HTML 31Page - Analog Devices AD9689-2000EBZ Datasheet HTML 32Page - Analog Devices AD9689-2000EBZ Datasheet HTML 33Page - Analog Devices AD9689-2000EBZ Datasheet HTML 34Page - Analog Devices AD9689-2000EBZ Datasheet HTML 35Page - Analog Devices AD9689-2000EBZ Datasheet HTML 36Page - Analog Devices AD9689-2000EBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 33 of 134
Figure 88 shows a preferred method for clocking the AD9689.
The low jitter clock source is converted from a single-ended
signal to a differential signal using an RF transformer.
1:2Z
CLOCK INPUT
ADC
CLK+
CLK–
Figure 88. Transformer-Coupled Differential Clock
Another option is to ac couple a differential LVPECL or CML
signal to the sample clock input pins, as shown in Figure 89 and
Figure 90, respectively.
ADC
CLOCK
INPUT
CLK+
CLK–
150Ω
150Ω
LVDS
DRIVER
100Ω
DIFFERENTIAL
TRACE
Figure 89. Differential LVPECL Sample Clock
ADC
CLOCK
INPUT
CLK+
CLK–
CML
DRIVER
DIFFERENTIAL
TRACE
Figure 90. Differential CML Sample Clock
In some instances, the RF DAC series such as the AD9172 has a
synthesizer that can output a clock output to clock the AD9689.
Figure 91 shows the arrangement where the AD9172 clock
outputs clock the AD9689.
ADC
ADC
CLOCK
INPUT
CLK+
CLK–
DAC
CLOCK
INPUT
CLKOUT+
CLKOUT–
AD9172
Figure 91. DAC Clock Output Clocking the AD9689



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com