Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 71Page - Analog Devices AD9689-2000EBZ Datasheet HTML 72Page - Analog Devices AD9689-2000EBZ Datasheet HTML 73Page - Analog Devices AD9689-2000EBZ Datasheet HTML 74Page - Analog Devices AD9689-2000EBZ Datasheet HTML 75Page - Analog Devices AD9689-2000EBZ Datasheet HTML 76Page - Analog Devices AD9689-2000EBZ Datasheet HTML 77Page - Analog Devices AD9689-2000EBZ Datasheet HTML 78Page - Analog Devices AD9689-2000EBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 75 of 134
Table 31. AD9689 Register 0x056E Supported Lane Rates
Value
Lane Rate
0x00
Lane rate = 6.75 Gbps to 13.5 Gbps (default for AD9689)
0x10
Lane rate = 3.375 Gbps to 6.75 Gbps
0x30
Lane rate = 13.5 Gbps to 16 Gbps
0x50
Lane rate = 1.6875 Gbps to 3.375 Gbps
fS × 4 MODE
fS × 4 mode adds a separate packing mode to a JESD204B
transmitter/receiver to set the serial lane rate at four times the
sample rate (fS).
The JESD204B link settings are
•
L = 8
•
M = 2
•
F = 2
•
S = 5
•
N' = 12
•
N = 12
•
CS = 0
•
CF = 2
•
HD = 1
However, CF = 2 is not supported by the design; therefore, the
following link parameters are used along with separate packing:
•
L = 8
•
M = 2
•
F = 2
•
S = 4
•
N' = 16
•
N = 16
•
CS = 0
•
CF = 0
•
HD = 0
In fS × 4 mode, five 12-bit ADC samples (along with an extra
4 bits) are packed into four 16-bit JESD204B samples to create a
64-bit frame.
The following SPI writes are necessary to place the device in fS × 4
mode:
•
Register 0x0570 = 0xFE. This setting places the device in
M = 2, L = 8, fS × 4 mode.
•
Register 0x058B = 0x0F. This setting places the device
CS = 0, N' = 16 mode.
•
Register 0x058F = 0x2F. This setting places the device in
Subclass 1 mode, N = 16.
The transmit architecture of fS × 4 mode is shown in Figure 139,
and the receive portion is shown in Figure 140. fS × 4 mode only
works in full bandwidth mode (Register 0x0200 = 0x00).
ADC1 SAMPLE N (12 BITS)
CONVERTER 1
SAMPLE N (16 BITS)
CONVERTER 1
SAMPLE N+1 (16 BITS)
CONVERTER 1
SAMPLE N+2 (16 BITS)
CONVERTER 1
SAMPLE N+3 (16 BITS)
S[N][15:0]
S[N + 1][15:0]
S[N + 2][15:0]
S[N + 3][15:0]
JESD204B FRAMER + PHY
(M = 2; L = 8; S = 4; F = 2; N = 16; N’ = 16; CF = 0; HD = 0)
APPLICATION
LAYER
TRANSPORT,
DATA LINK,
AND PHY
LAYERS
12 BITS
AT
fS
LANE 0 LANE 1 LANE 2 LANE 3 LANE 4 LANE 5 LANE 6 LANE 7
fS × 4 MODE (TRANSMIT)
1/5 RATE EXCHANGE
ADC1
SAMPLE N (12 BITS)
ADC1
SAMPLE N + 1 (12 BITS)
ADC1
SAMPLE N + 2 (12 BITS)
ADC1
SAMPLE N + 3 (12 BITS)
ADC1
SAMPLE N + 4 (12 BITS) (4 BITS)
S[N][11:0], S[N + 1][11:8]
(16 BITS)
S[N + 1][7:0], S[N + 2][11:4]
(16 BITS)
S[N + 2][3:0], S[N + 3][11:0]
(16 BITS)
S[N + 4][11:0], 0000
(16 BITS)
ADC0 SAMPLE N (12 BITS)
ADC0
CONVERTER 0
SAMPLE N (16 BITS)
CONVERTER 0
SAMPLE N + 1 (16 BITS)
CONVERTER 0
SAMPLE N + 2 (16 BITS)
CONVERTER 0
SAMPLE N + 3 (16 BITS)
S[N][15:0]
S[N + 1][15:0]
S[N + 2][15:0]
S[N + 3][15:0]
1/5 RATE EXCHANGE
ADC0
SAMPLE N (12 BITS)
ADC0
SAMPLE N + 1 (12 BITS)
ADC0
SAMPLE N + 2 (12 BITS)
ADC0
SAMPLE N + 3 (12 BITS)
ADC0
SAMPLE N + 4 (12 BITS) (4 BITS)
S[N][11:0], S[N + 1][11:8]
(16 BITS)
0000
S[N + 1][7:0], S[N + 2][11:4]
(16 BITS)
S[N + 2][3:0], S[N + 3][11:0]
(16 BITS)
S[N + 4][11:0], 0000
(16 BITS)
0000
ADC1
64 BITS
AT fS/5
64 BITS
AT fS/5
Figure 139. fS × 4 Mode (Transmit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com