Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 99 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 99 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 95Page - Analog Devices AD9689-2000EBZ Datasheet HTML 96Page - Analog Devices AD9689-2000EBZ Datasheet HTML 97Page - Analog Devices AD9689-2000EBZ Datasheet HTML 98Page - Analog Devices AD9689-2000EBZ Datasheet HTML 99Page - Analog Devices AD9689-2000EBZ Datasheet HTML 100Page - Analog Devices AD9689-2000EBZ Datasheet HTML 101Page - Analog Devices AD9689-2000EBZ Datasheet HTML 102Page - Analog Devices AD9689-2000EBZ Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 99 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x000A Scratch pad
[7:0] Scratch pad
Chip scratch pad register. This register is used to provide a
consistent memory location for software debug.
0x0
R/W
0x000B SPI revision
[7:0] SPI revision
SPI revision register. 0x01: Revision 1.0.
0x1
R
00000001 Revision 1.0.
0x000C Vendor ID LSB
[7:0] Vendor ID LSB
Vendor ID[7:0].
0x56
R
0x000D Vendor ID MSB
[7:0] Vendor ID MSB
Vendor ID[15:8].
0x04
R
0x000F Transfer
[7:1] Reserved
Reserved.
0x0
R
0
Chip transfer
Self clearing chip transfer bit. This bit is used to update the
DDC FTW/POW/MAW/MBW increment and phase offset
registers when DDC phase update mode (Register 0x0300, Bit
7) = 1, which makes it possible to synchronously update the
DDC mixer frequencies. This bit is also used to update the
coefficients for the programmable filter (PFILT).
0x0
R/W
0
Do nothing. Bit is only cleared after transfer is complete.
1
Self clearing bit used to synchronize the transfer of data from
master to slave registers.
Clock/SYSREF/Chip Power-Down Pin Control Registers
Table 47.
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x003F Chip PDWN pin
(local)
7
Local chip PDWN pin
disable
Function is determined by Register 0x0040, Bits[7:6].
0x0
R/W
0
Power-down pin (PDWN/STBY) enabled (default).
1
Power-down pin (PDWN/STBY) disabled/ignored.
[6:0] Reserved
Reserved.
0x0
R
0x0040 Chip Pin Control 1
[7:6] Chip PDWN pin
functionality
External power-down pin functionality. Assertion of the external
power-down pin (PDWN/STBY) has higher priority than the channel
power mode bits (Register 0x0002, Bits[1:0]). The PDWN/
STBY pin is only used when Register 0x0040, Bits[7:6] = 00 or 01.
0x0
R/W
00
Power-down pin (default). Assertion of external power-down pin
(PDWN/STBY) causes the chip to enter full power-down mode.
01
Standby pin. Assertion of external power-down pin (PDWN/STBY)
causes the chip to enter standby mode.
10
Pin disabled. Power-down pin (PDWN/STBY) is ignored.
[5:3] Chip FD_B/GPIO_B0 pin
functionality
Fast Detect B/GPIO B0 pin functionality.
0x7
R/W
000
Fast Detect B output.
001
JESD204B LMFC output.
110
Pin functionality determined by Register 0x0041, Bits[7:4].
111
Disabled. Configured as input with weak pull-down (default).
[2:0] Chip FD_A/GPIO_A0 pin
functionality
Fast Detect A/GPIO A0 pin functionality.
0x7
R/W
000
Fast Detect A output.
001
JESD204B LMFC output.
110
Pin functionality determined by Register 0x0041, Bits[3:0].
111
Disabled. Configured as an input with weak pull-down (default).
0x0041 Chip Pin Control 2
[7:4] Chip FD_B/GPIO_B0 pin
secondary functionality
Fast Detect B/GPIO B0 pin secondary functionality (only used
when Register 0x0040, Bits[5:3] = 110).
0x0
R/W
0000
Chip GPIO B0 input (NCO channel selection).
0001
Chip transfer input.
1000
Master next trigger output (MNTO).
1001
Slave next trigger input (SNTI).
[3:0] Chip FD_A/GPIO_A0 pin
secondary functionality
Fast Detect A/GPIO B0 pin secondary functionality (only used
when Register 0x0040, Bits[2:0] = 110).
0x0
R/W
0000
Chip GPIO A0 input (NCO channel selection).
0001
Chip transfer input.
1000
Master next trigger output (MNTO).
1001
Slave next trigger input (SNTI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com