Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 97 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 93Page - Analog Devices AD9689-2000EBZ Datasheet HTML 94Page - Analog Devices AD9689-2000EBZ Datasheet HTML 95Page - Analog Devices AD9689-2000EBZ Datasheet HTML 96Page - Analog Devices AD9689-2000EBZ Datasheet HTML 97Page - Analog Devices AD9689-2000EBZ Datasheet HTML 98Page - Analog Devices AD9689-2000EBZ Datasheet HTML 99Page - Analog Devices AD9689-2000EBZ Datasheet HTML 100Page - Analog Devices AD9689-2000EBZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 97 of 134
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each address in the memory map register table has eight bit
locations. The memory map is divided into the following
sections:
•
Analog Devices SPI registers (Register 0x0000 to
Register 0x000F)
•
Clock/SYSREF/chip power-down pin control registers
(Register 0x003F to Register 0x01FF)
•
Chip operating mode control registers (Register 0x0200 to
Register 0x0201)
•
Fast detect and signal monitor control registers
(Register 0x0245 to Register 0x027A)
•
DDC function registers (Register 0x0300 to Register 0x03CD)
•
Digital outputs and test modes registers (Register 0x0550 to
Register 0x05CB and Register 0x1222 to Register 0x01262)
•
Programmable filter control and coefficients registers
(Register 0x0DF8 to Register 0x0F7F)
•
VREF/analog input control registers (Register 0x18A6 to
Register 0x1A4D and Register 0x0701 to Register 0x073B)
The Memory Map Register Details section documents the default
hexadecimal value for each hexadecimal address shown. For
example, Address 0x0561, the output sample mode register, has
a hexadecimal default value of 0x01, which means that Bit 0 = 1,
and the remaining bits are 0s. This setting is the default output
format value, which is twos complement. For more information
on this function and others, see Table 46 to Table 53.
Open and Reserved Locations
All address and bit locations that are not included in Table 46 to
Table 53 are not currently supported for this device. Write
unused bits of a valid address location with 0s unless the default
value is set otherwise. Writing to these locations is required
only when part of an address location is unassigned (for
example, Address 0x0561). If the entire address location is open
(for example, Address 0x0013), do not write to this address
location.
Default Values
After the AD9689 is reset, critical registers are loaded with
default values. The default values for the registers are given in
the memory map register tables, Table 46 to Table 53.
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
•
X denotes a don’t care bit.
Channel Specific Registers
Some channel setup functions, such as the buffer control
register (Register 0x1A4C), can be programmed to a different
value for each channel. In these cases, channel address locations
are internally duplicated for each channel. These registers and
bits are designated as local. These local registers and bits can be
accessed by setting the appropriate Channel A or Channel B bits in
Register 0x0008. If both bits are set, the subsequent write affects
the registers of both channels. In a read cycle, set only
Channel A or Channel B to read one of the two registers. If both
bits are set during an SPI read cycle, the device returns the value
for Channel A. All other registers and bits are considered global,
and changes to these registers and bits affect the entire device and
the channel features for which independent settings are not
allowed between channels. The settings in Register 0x0005 do not
affect the global registers and bits.
SPI Soft Reset
After issuing a soft reset by programming 0x81 to Register 0x0000,
the AD9689 requires 5 ms to recover. When programming the
AD9689 for application setup, ensure that an adequate delay is
programmed into the firmware after asserting the soft reset and
before starting the device setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com