Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 45Page - Analog Devices AD9689-2000EBZ Datasheet HTML 46Page - Analog Devices AD9689-2000EBZ Datasheet HTML 47Page - Analog Devices AD9689-2000EBZ Datasheet HTML 48Page - Analog Devices AD9689-2000EBZ Datasheet HTML 49Page - Analog Devices AD9689-2000EBZ Datasheet HTML 50Page - Analog Devices AD9689-2000EBZ Datasheet HTML 51Page - Analog Devices AD9689-2000EBZ Datasheet HTML 52Page - Analog Devices AD9689-2000EBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 49 of 134
DDC NCO Description
Each DDC contains one NCO. Each NCO enables the
frequency translation process by creating a complex exponential
frequency (e-jωct), which can be mixed with the input spectrum
to translate the desired frequency band of interest to dc, where
it can be filtered by the subsequent low-pass filter blocks to
prevent aliasing.
When placed in variable IF mode, the NCO supports two
additional modes.
DDC NCO Programmable Modulus Mode
DDC NCO programmable modulus mode supports >48-bit
frequency tuning accuracy for applications that require exact
rational (M/N) frequency synthesis at a single carrier frequency.
In this mode, the NCO is set up by providing the following:
•
48-bit frequency tuning word (FTW)
•
48-bit Modulus A word (MAW)
•
48-bit Modulus B word (MBW)
•
48-bit phase offset word (POW)
DDC NCO Coherent Mode
DDC NCO coherent mode allows an infinite number of frequency
hops where the phase is referenced to a single synchronization
event at Time 0. This mode is useful when phase coherency
must be maintained when switching between different frequency
bands. In this mode, the user can switch to any tuning frequency
without the need to reset the NCO. Although only one FTW is
required, the NCO contains 16 shadow registers for fast
switching applications. Selection of the shadow registers is
controlled by the CMOS GPIO pins or through the register map
of the SPI. In this mode, the NCO can be set up by providing
the following:
•
Up to sixteen 48-bit FTWs.
•
Up to sixteen 48-bit POWs.
•
The 48-bit MAW must be set to zero in coherent mode.
Figure 113 shows a block diagram of one NCO and its connection
to the rest of the design. The coherent phase accumulator block
contains the logic that allows an infinite number of frequency
hops. The gray lines in Figure 113 represent SPI control lines.
NCO
COS/SIN
GENERATOR
Q
Q
I
NCO CHANNEL
SELECTION
SYSREF
DIGITAL
QUADRATURE
MIXER
FTW = FREQUENCY TUNING WORD
POW = PHASE OFFSET WORD
MAW = MODULUS A WORD (NUMERATOR)
MBW = MODULUS B WORD (DENOMINATOR)
I
COHERENT
PHASE
ACCUMULATOR
BLOCK
48-BIT
MAW/MBW
MODULUS
ERROR
NCO
CHANNEL
SELECTION
CIRCUITS
I/O
CROSSBAR
MUX
SYNCHRONIZATION
CONTROL CIRCUITS
DECIMATION
FILTERS
MAW/MBW
FTW/POW
FTW/POW
WRITE INDEX
0
1
15
0
1
15
48-BIT
FTW/POW
48-BIT
FTW/POW
48-BIT
FTW/POW
REGISTER
MAP
Figure 113. NCO + Mixer Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com