Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 48Page - Analog Devices AD9689-2000EBZ Datasheet HTML 49Page - Analog Devices AD9689-2000EBZ Datasheet HTML 50Page - Analog Devices AD9689-2000EBZ Datasheet HTML 51Page - Analog Devices AD9689-2000EBZ Datasheet HTML 52Page - Analog Devices AD9689-2000EBZ Datasheet HTML 53Page - Analog Devices AD9689-2000EBZ Datasheet HTML 54Page - Analog Devices AD9689-2000EBZ Datasheet HTML 55Page - Analog Devices AD9689-2000EBZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 52 of 134
GPIO Level Control Mode
The GPIO pins determine the exact NCO channel selected.
The following procedure must be followed to use GPIO level
control for NCO channel selection:
1. Configure one or more GPIO pins as NCO channel
selection inputs. GPIO pins not configured as NCO
channel selection are internally tied low.
a. To use GPIO_A0, write Bits[2:0] in Register 0x0040 to
0x6 and Bits[3:0] in Register 0x0041 to 0x0.
b. To use GPIO_B0, write Bits[5:3] in Register 0x0040 to
0x6 and Bits [7:4] in Register 0x0041 to 0x0.
2. Configure the NCO channel selector in GPIO level control
mode by setting Bits[7:4] in the NCO control registers
(Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374) to 0x1 through 0x6, depending on the
desired GPIO pin ordering.
3. Select the desired NCO channel through the GPIO pins.
GPIO Edge Control Mode
A low to high transition on a single GPIO pin determines the
exact NCO channel selected. The internal channel selection
counter is reset by either SYSREF± or the DDC soft reset.
The following procedure must be followed to use GPIO edge
control for NCO channel selection:
1. Configure one or more GPIO pins as NCO channel
selection inputs.
a. To use GPIO_A0, write Bits[2:0] in Register 0x0040 to
0x6 and Bits[3:0] in Register 0x0041 to 0x0.
b. To use GPIO_B0, write Bits[5:3] in Register 0x0040 to
0x6 and Bits[7:4] in Register 0x0041 to 0x0.
2. Configure the NCO channel selector in GPIO edge control
mode by setting Bits[7:4] in the NCO control registers
(Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374) to 0x8 through 0xB, depending on the
desired GPIO pin.
3. Configure the wrap point for the NCO channel selection
by setting Bits[3:0] in the NCO control registers
(Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374). A value of 4 causes the channel selection
to wrap at Channel 4 (0, 1, 2, 3, 4, 0, 1, 2, 3, 4, and so on).
4. Transition the selected GPIO pin from low to high to
increment the NCO channel selection.
Register Map Mode
NCO channel selection is controlled directly through the
register map.
Figure 115 shows an example use case for coherent mode using
three NCO channels. In this example, NCO Channel 0 is actively
downconverting Bandwidth 0 (B0), while NCO Channel 1 and
Channel 2 are in standby mode and are tuned to Bandwidth 1
and Bandwidth 2 (B1 and B2), respectively.
The phase coherent NCO switching feature allows an infinite
number of frequency hops that are all phase coherent. The
initial phase of the NCO is established at time, t0, from
SYSREF± synchronization. Switching the NCO FTW does not
affect the phase. With this feature, only one FTW is required,
but all 16 channels can be used to queue the next hop.
After SYSREF± synchronization at startup, all NCOs across
multiple chips are inherently synchronized.
fS/2
DC
B1
NCO CHANNEL 0
CARRIER FREQUENCY 0
(ACTIVE)
NCO CHANNEL 1
CARRIER FREQUENCY 1
(STANDBY)
NCO CHANNEL 2
CARRIER FREQUENCY 2
(STANDBY)
B2
B0
f0
f1
f2
ACTIVE
DDC
Figure 115. NCO Coherent Mode with Three NCO Channels (B0 Selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com