Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 13Page - Analog Devices AD9689-2000EBZ Datasheet HTML 14Page - Analog Devices AD9689-2000EBZ Datasheet HTML 15Page - Analog Devices AD9689-2000EBZ Datasheet HTML 16Page - Analog Devices AD9689-2000EBZ Datasheet HTML 17Page - Analog Devices AD9689-2000EBZ Datasheet HTML 18Page - Analog Devices AD9689-2000EBZ Datasheet HTML 19Page - Analog Devices AD9689-2000EBZ Datasheet HTML 20Page - Analog Devices AD9689-2000EBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 17 of 134
0
760
665
570
475
285
190
95
fIN (MHz)
380
950
855
0
–135
–120
–90
–60
–45
–30
–15
–105
–75
AIN = –2dBFS
SNRFS = 58.3dB
SFDR = 60dBFS
ENOB = 8.9 BITS
NSD = –148.3dBFS/Hz
BUFFER CURRENT = 700µA
Figure 12. Single-Tone FFT at fIN = 3300 MHz
0
–135
–120
–90
–60
–45
–30
–15
–105
–75
AIN = –2dBFS
SNRFS = 54.4dB
SFDR = 61dBFS
ENOB = 8.6 BITS
NSD = –144.4dBFS/Hz
BUFFER CURRENT = 900µA
0
760
665
570
475
285
190
95
fIN (MHz)
380
950
855
Figure 13. Single-Tone FFT at fIN = 4350 MHz; Full-Scale Voltage = 1.1 V p-p
0
760
665
570
475
285
190
95
fIN (MHz)
380
950
855
0
–135
–120
–90
–60
–45
–30
–15
–105
–75
AIN = –2dBFS
SNRFS = 53.1dB
SFDR = 62dBFS
ENOB = 8.4 BITS
NSD = –143.1dBFS/Hz
BUFFER CURRENT = 900µA
Figure 14. Single-Tone FFT at fIN = 5400 MHz; Full-Scale Voltage = 1.1 V p-p
20
30
40
50
60
70
80
INPUT FREQUENCY (MHz)
300µA, SFDR
300µA, SNR
500µA, SFDR
500µA, SNR
700µA, SFDR
700µA, SNR
Figure 15. SNR/SFDR vs. Input Frequency (fIN) for Various Buffer Currents
INPUT FREQUENCY (MHz)
–90
–80
–85
–75
–70
–65
–60
–55
–50
–40
–45
300µA
500µA
700µA
Figure 16. HD2 vs. Input Frequency (fIN) for Various Buffer Currents
–90
–80
–70
–60
–50
–30
–40
INPUT FREQUENCY (MHz)
300µA
500µA
700µA
Figure 17. HD3 vs. Input Frequency (fIN) for Various Buffer Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com