Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 52Page - Analog Devices AD9689-2000EBZ Datasheet HTML 53Page - Analog Devices AD9689-2000EBZ Datasheet HTML 54Page - Analog Devices AD9689-2000EBZ Datasheet HTML 55Page - Analog Devices AD9689-2000EBZ Datasheet HTML 56Page - Analog Devices AD9689-2000EBZ Datasheet HTML 57Page - Analog Devices AD9689-2000EBZ Datasheet HTML 58Page - Analog Devices AD9689-2000EBZ Datasheet HTML 59Page - Analog Devices AD9689-2000EBZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 56 of 134
Table 16. DDC Decimation Filter Characteristics
Filter Name
Filter Type
Decimation
Ratio
Pass Band
(rad/sec)
Stop Band
(rad/sec)
Pass-Band
Ripple (dB)
Stop Band
Attenuation (dB)
HB4
FIR low-pass
2
0.1 x π/2
1.9 x π/2
<±0.001
>100
HB3
FIR low-pass
2
0.2 x π/2
1.8 x π/2
<±0.001
>100
HB2
FIR low-pass
2
0.4 x π/2
1.6 x π/2
<±0.001
>100
HB1
FIR low-pass
2
0.8 x π/2
1.2 x π/2
<±0.001
>100
TB2
FIR low-pass
3
0.4 x π/3
1.6 x π/3
<±0.002
>100
TB1 1
FIR low-pass
3
0.8 x π/3
1.2 x π/3
<±0.005
>100
FB2
FIR low-pass
5
0.4 x π/5
1.6 x π/5
<±0.001
>100
1
TB1 is only supported in DDC0 and DDC1.
Table 17. DDC Filter Configurations1
ADC
Sample
Rate
DDC Filter Configuration
Real (I) Output
Complex (I/Q) Outputs
Alias
Protected
Bandwidth
Ideal2 SNR
Improvement
(dB)
Decimation
Ratio
Sample
Rate
Decimation
Ratio
Sample Rate
fS
HB1
1
fS
2
fS/2 (I) + fS/2 (Q)
fS/2 × 80%
1
TB1 3
N/A
N/A
3
fS/3 (I) + fS/3 (Q)
fS/3 × 80%
2.7
HB2 + HB1
2
fS/2
4
fS/4 (I) + fS/4 (Q)
fS/4 × 80%
4
TB2 + HB1
3
fS/3
6
fS/6 (I) + fS/6 (Q)
fS/6 × 80%
5.7
HB3 + HB2 + HB1
4
fS/4
8
fS/8 (I) + fS/8 (Q)
fS/8 × 80%
7
FB2 + HB1
5
fS/5
10
fS/10 (I) + fS/10 (Q)
fS/10 × 80%
8
TB2 + HB2 + HB1
6
fS/6
12
fS/12 (I) + fS/12 (Q)
fS/12 × 80%
8.8
FB2 + TB13
N/A
N/A
15
fS/15 (I) + fS/15 (Q)
fS/15 × 80%
9.7
HB4 + HB3 + HB2 + HB1
8
fS/8
16
fS/16 (I) + fS/16 (Q)
fS/16 × 80%
10
FB2 + HB2 + HB1
10
fS/10
20
fS/20 (I) + fS/20 (Q)
fS/20 × 80%
11
TB2 + HB3 + HB2 + HB1
12
fS/12
24
fS/24 (I) + fS/24 (Q)
fS/24 × 80%
11.8
HB2 + FB2 + TB13
N/A
N/A
30
fS/30 (I) + fS/30 (Q)
fS/30 × 80%
12.7
FB2 + HB3 + HB2 + HB1
20
fS/20
40
fS/40 (I) + fS/40 (Q)
fS/40 × 80%
14
TB2 + HB4 + HB3 + HB2 + HB1
24
fS/24
48
fS/48 (I) + fS/48 (Q)
fS/48 × 80%
14.8
1
N/A means not applicable.
2
Ideal SNR improvement due to oversampling + filtering = 10log(bandwidth/fS/2).
3
TB1 is only supported in DDC0 and DDC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com