Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 34Page - Analog Devices AD9689-2000EBZ Datasheet HTML 35Page - Analog Devices AD9689-2000EBZ Datasheet HTML 36Page - Analog Devices AD9689-2000EBZ Datasheet HTML 37Page - Analog Devices AD9689-2000EBZ Datasheet HTML 38Page - Analog Devices AD9689-2000EBZ Datasheet HTML 39Page - Analog Devices AD9689-2000EBZ Datasheet HTML 40Page - Analog Devices AD9689-2000EBZ Datasheet HTML 41Page - Analog Devices AD9689-2000EBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 38 of 134
ADC APPLICATION MODES AND JESD204B Tx CONVERTER MAPPING
The AD9689 contains a configurable signal path that allows
different features to be enabled for different applications.
These features are controlled using the chip mode register,
Register 0x0200. The chip operating mode is controlled by
Bits[3:0] in this register, and the chip Q ignore is controlled
by Bit 5.
The AD9689 contains the following modes:
•
Full bandwidth mode: two 14-bit ADC cores running at
full sample rate.
•
DDC mode: up to four DDC channels.
After the chip application mode is selected, the output
decimation ratio is set using the chip decimation ratio in
Register 0x0201, Bits[3:0]. The output sample rate = ADC
sample rate/the chip decimation ratio.
To support the different application layer modes, the AD9689
treats each sample stream (real, I, or Q) as originating from
separate virtual converters.
Table 11 shows the number of virtual converters required and
the transport layer mapping when channel swapping is disabled.
Figure 102 shows the virtual converters and their relationship to
the DDC outputs when complex outputs are used.
Each DDC channel outputs either two sample streams (I/Q) for
the complex data components (real + imaginary), or one sample
stream for real (I) data. The AD9689 can be configured to use up to
eight virtual converters, depending on the DDC configuration.
The I/Q samples are always mapped in pairs with the I samples
mapped to the first virtual converter and the Q samples mapped
to the second virtual converter. With this transport layer mapping,
the number of virtual converters are the same whether a single
real converter is used along with a digital downconverter block
producing I/Q outputs, or whether an analog downconversion
is used with two real converters producing I/Q outputs.
Figure 103 shows a block diagram of the two scenarios
described for I/Q transport layer mapping.
Table 11. Virtual Converter Mapping
Number of
Virtual
Converters
Supported
Chip Application
Mode
(Reg. 0x0200,
Bits[3:0])
Chip Q Ignore
(Reg. 0x0200,
Bit 5)
Virtual Converter Mapping
0
1
2
3
4
5
6
7
1 to 2
Full bandwidth
mode (0x0)
Real or complex
(0x0)
ADC A
samples
ADC B
samples
Unused
Unused
Unused
Unused
Unused
Unused
1
One DDC mode
(0x1)
Real (I only)
(0x1)
DDC0 I
samples
Unused
Unused
Unused
Unused
Unused
Unused
Unused
2
One DDC mode
(0x1)
Complex (I/Q)
(0x0)
DDC0 I
samples
DDC0 Q
samples
Unused
Unused
Unused
Unused
Unused
Unused
2
Two DDC mode
(0x2)
Real (I only)
(0x1)
DDC0 I
samples
DDC1 I
samples
Unused
Unused
Unused
Unused
Unused
Unused
4
Two DDC mode
(0x2)
Complex (I/Q)
(0x0)
DDC0 I
samples
DDC0 Q
samples
DDC1 I
samples
DDC1 Q
samples
Unused
Unused
Unused
Unused
4
Four DDC mode
(0x3)
Real (I only)
(0x1)
DDC0 I
samples
DDC1 I
samples
DDC2 I
samples
DDC3 I
samples
Unused
Unused
Unused
Unused
8
Four DDC mode
(0x3)
Complex (I/Q)
(0x0)
DDC0 I
samples
DDC0 Q
samples
DDC1 I
samples
DDC1 Q
samples
DDC2 I
samples
DDC2 Q
samples
DDC3 I
samples
DDC3 Q
samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com