Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 73Page - Analog Devices AD9689-2000EBZ Datasheet HTML 74Page - Analog Devices AD9689-2000EBZ Datasheet HTML 75Page - Analog Devices AD9689-2000EBZ Datasheet HTML 76Page - Analog Devices AD9689-2000EBZ Datasheet HTML 77Page - Analog Devices AD9689-2000EBZ Datasheet HTML 78Page - Analog Devices AD9689-2000EBZ Datasheet HTML 79Page - Analog Devices AD9689-2000EBZ Datasheet HTML 80Page - Analog Devices AD9689-2000EBZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 77 of 134
Table 33. JESD204B Output Configurations for N΄ = 16
37F
1
Number
of Virtual
Converters
Supported
(Same as M)
JESD204B
Serial
Lane
Rate
38F
2
Supported Decimation Rates
JESD204B Transport Layer Settings
39F
3
Lane Rate =
1.6875 Gbps to
3.375 Gbps
Lane Rate =
3.375 Gbps to
6.75 Gbps
Lane Rate =
6.75 Gbps to
13.5 Gbps
Lane Rate =
13.5 Gbps to
16 Gbps
L
M
F
S
HD
N
N'
CS
K
1
20 × fOUT
2, 4, 5, 6, 8, 10,
12, 20, 24
1, 2, 3, 4, 5, 6, 8,
10, 12
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1
1
2
1
0
8 to 16
16
0 to 3
See
Note
40F
4
20 × fOUT
2, 4, 5, 6, 8, 10,
12, 20, 24
1, 2, 3, 4, 5, 6, 8,
10, 12
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1
1
4
2
0
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3, 4, 5, 6,
8, 10, 12
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
2
1
1
1
1
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3, 4, 5, 6, 8,
10, 12
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
2
1
2
2
0
8 to 16
16
0 to 3
See
Note 4
5 × fOUT
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
1
4
1
1
2
1
8 to 16
16
0 to 3
See
Note 4
5 × fOUT
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
1
4
1
2
4
0
8 to 16
16
0 to 3
See
Note 4
2.5 × fOUT
1, 2, 3, 4
1, 2
1
8
1
1
4
1
8 to 16
16
0 to 3
See
Note 4
2.5 × fOUT
1, 2, 3, 4
1, 2
1
8
1
2
8
0
8 to 16
16
0 to 3
See
Note 4
2
40 × fOUT
4, 8, 10, 12, 15,
16, 20, 24, 30,
40, 48
2, 4, 5, 6, 8, 10,
12, 15, 16, 20, 24,
30
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6,
8
1
2
4
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12, 15,
16, 20, 24, 30,
40, 48
2, 4, 5, 6, 8, 10,
12, 15, 16, 20, 24,
30
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6,
8
1
2
8
2
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 5, 6, 8, 10,
12, 15, 16, 20,
24, 30
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
2
2
2
1
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 5, 6, 8, 10,
12, 15, 16, 20,
24, 30
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
2
2
4
2
0
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
4
2
1
1
1
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
4
2
2
2
0
8 to 16
16
0 to 3
See
Note 4
5 × fOUT
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
1
8
2
1
2
1
8 to 16
16
0 to 3
See
Note 4
5 × fOUT
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
1
8
2
2
4
0
8 to 16
16
0 to 3
See
Note 4
4
80 × fOUT
8, 16, 20, 24, 30,
40, 48
4, 8, 10, 12, 16,
20, 24, 30, 40, 48
2, 4, 6, 8, 10, 12,
16, 20, 24, 30
2, 4, 6, 8, 10,
12, 16
1
4
8
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12, 15,
16, 20, 24, 30,
40, 48
2, 4, 5, 6, 8, 10,
12, 15, 16, 20, 24,
30
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6,
8
2
4
4
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12, 15,
16, 20, 24, 30,
40, 48
2, 4, 5, 6, 8, 10,
12, 15, 16, 20, 24,
30
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6,
8
2
4
8
2
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 5, 6, 8, 10,
12, 15, 16, 20,
24, 30
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
4
4
2
1
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 5, 6, 8, 10,
12, 15, 16, 20,
24, 30
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
4
4
4
2
0
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
8
4
1
1
1
8 to 16
16
0 to 3
See
Note 4
10 × fOUT
1, 2, 3, 4, 5, 6, 8,
10, 12, 15, 16
1, 2, 3, 4, 5, 6, 8
1, 2, 3, 4
1, 2
8
4
2
2
0
8 to 16
16
0 to 3
See
Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com