Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 88 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 84Page - Analog Devices AD9689-2000EBZ Datasheet HTML 85Page - Analog Devices AD9689-2000EBZ Datasheet HTML 86Page - Analog Devices AD9689-2000EBZ Datasheet HTML 87Page - Analog Devices AD9689-2000EBZ Datasheet HTML 88Page - Analog Devices AD9689-2000EBZ Datasheet HTML 89Page - Analog Devices AD9689-2000EBZ Datasheet HTML 90Page - Analog Devices AD9689-2000EBZ Datasheet HTML 91Page - Analog Devices AD9689-2000EBZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 88 of 134
CLK
SYSREF
SYSREF SAMPLE PART 1
SYSREF SAMPLE PART 2 SYSREF SAMPLE PART 3
SYSREF SAMPLE PART 4
SYSREF SAMPLE PART 5
IGNORE FIRST THREE SYSREFs
SAMPLE THE FOURTH SYSREF
Figure 152. SYSREF Ignore Example (SYSREF Ignore Count, Register 0x0121, Bits[3:0] = 3)
SAMPLE CLOCK
SYSREF
SYSREF SKEW WINDOW = ±1
SYSREF SKEW WINDOW = ±2
SYSREF SKEW WINDOW = ±3
SYSREF SKEW WINDOW = 0
Figure 153. SYSREF Skew Window
When in continuous SYSREF mode (Register 0x0120, Bits[2:1] =
1), the AD9689 monitors the placement of the SYSREF leading
edge compared to the internal LMFC. If the SYSREF signal is
captured with a clock edge other than the one that is aligned
with the LMFC, the AD9689 initiates a resynchronization of the
link. Because input clock rates for AD9689 can be up to 4 GHz,
the AD9689 provides another SYSREF related feature that
makes it possible to accommodate periodic SYSREF signals
where cycle accurate capture is not feasible or not required. For
these scenarios, the AD9689 has a programmable SYSREF skew
window that allows the internal dividers to remain undisturbed
unless SYSREF occurs outside the skew window. The resolution
of the SYSREF skew window is set in sample clock cycles.
If the SYSREF negative skew window is 1 and the positive skew
window is 1, the total skew window is ±1 sample clock cycles,
meaning that, as long as SYSREF is captured within ±1 sample
clock cycle of the clock that is aligned with the LMFC, the link
continues to operate normally. If the SYSREF has jitter, which
can cause a misalignment between SYSREF and LMFC, this
feature allows the system to continue running without a
resynchronization, while still allowing the device to monitor for
larger errors not caused by jitter. For the AD9689, the positive
and negative skew window is controlled by the SYSREF window
negative bits (Register 0x0122, Bits[3:2]) and SYSREF window
positive bits (Register 0x0122, Bits[1:0]). Figure 153 shows
information on the location of the skew window settings relative to
Phase 0 of the internal dividers. Negative skew is defined as
occurring before the internal dividers reach Phase 0, and positive
skew is defined after the internal dividers reach Phase 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com