Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 93 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 93 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 89Page - Analog Devices AD9689-2000EBZ Datasheet HTML 90Page - Analog Devices AD9689-2000EBZ Datasheet HTML 91Page - Analog Devices AD9689-2000EBZ Datasheet HTML 92Page - Analog Devices AD9689-2000EBZ Datasheet HTML 93Page - Analog Devices AD9689-2000EBZ Datasheet HTML 94Page - Analog Devices AD9689-2000EBZ Datasheet HTML 95Page - Analog Devices AD9689-2000EBZ Datasheet HTML 96Page - Analog Devices AD9689-2000EBZ Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 93 of 134
TEST MODES
ADC TEST MODES
The AD9689 has various test options that aid in the system level
implementation. The AD9689 has ADC test modes that are
available in Register 0x0550. These test modes are described in
Table 39. When an output test mode is enabled, the analog section
of the ADC is disconnected from the digital back-end blocks,
and the test pattern is run through the output formatting block.
Some of the test patterns are subject to output formatting, and
some are not. The pseudorandom number (PN) generators
from the PN sequence tests can be reset by setting Bit 4 or Bit 5
of Register 0x0550. These tests can be performed with or
without an analog signal (if present, the analog signal is
ignored); however, they do require an encode clock.
If the application mode is set to select a DDC mode of
operation, the test modes must be enabled for each DDC
enabled. The test patterns can be enabled via Bit 2 and Bit 0 of
Register 0x0327, Register 0x0347, and Register 0x0367,
depending on which DDC(s) are selected. The (I) data uses the
test patterns selected for Channel A, and the (Q) data uses the
test patterns selected for Channel B. For DDC3 only, the (I) data
uses the test patterns from Channel A, and the (Q) data does
not output test patterns. Bit 0 of Register 0x0387 selects the
Channel A test patterns to be used for the (I) data. For more
information, see the AN-877 Application Note.
ADC TEST PATTERNS
(0x0550,
0x0551 TO 0x0558)
JESD204B LONG
TRANSPORT TEST
PATTERN
0x0571[5]
JESD204B
INTERFACE TEST
PATTERN
(0x0573,
0x0551 TO 0x0558)
JESD204B DATA
LINK LAYER TEST
PATTERNS
0x0574[2:0]
JESD204B SAMPLE
CONSTRUCTION
TAIL BITS
0x0571[6]
A13
MSB
LSB
A12
A11
A10
A9
A8
A7
A13
A12
A11
A10
A9
A8
A7
A5
A4
A3
A2
A1
A0
C2
A6
MSB
LSB
T
A6
A5
A4
A3
A2
A1
A0
C2
C1
CONTROL BITS
C0
ADC
SERDOUT0±
SERDOUT3±
SERDOUT2±
SERDOUT1±
FRAME
CONSTRUCTION
SERIALIZER
SYMBOL0 SYMBOL1
SCRAMBLER
1 + x14 + x15
(OPTIONAL)
S7
S6
S5
S4
S3
S2
S1
S0
S7
a b
i j a b
i j
a b c d e f g h i j
a b c d e f g h i j
S6
S5
S4
S3
S2
S1
S0
MSB
LSB
8-BIT/
10-BIT
ENCODER
Figure 156. ADC Output Datapath Showing Test Pattern Injection Points
Table 39. ADC Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default/
Seed Value
Sample (N, N + 1, N + 2, …)
0000
Off (default)
Not applicable
Not applicable
Not applicable
0001
Midscale short
0000 0000 0000
Not applicable
Not applicable
0010
Positive full-scale short
01 1111 1111 1111
Not applicable
Not applicable
0011
Negative full-scale short
10 0000 0000 0000
Not applicable
Not applicable
0100
Checkerboard
10 1010 1010 1010
Not applicable
0x1555, 0x2AAA, 0x1555, 0x2AAA, 0x1555
0101
PN sequence long
x23 + x18 + 1
0x3AFF
0x3FD7, 0x0002, 0x26E0, 0x0A3D, 0x1CA6
0110
PN sequence short
x9 + x5 + 1
0x0092
0x125B, 0x3C9A, 0x2660, 0x0c65, 0x0697
0111
One-/zero-word toggle
11 1111 1111 1111
Not applicable
0x0000, 0x3FFF, 0x0000, 0x3FFF, 0x0000
1000
User input
Register 0x0551 to
Register 0x0558
Not applicable
User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2],
User Pattern 1[15:2] … for repeat mode
User Pattern 1[15:2], User Pattern 2[15:2],
User Pattern 3[15:2], User Pattern 4[15:2],
0x0000 … for single mode
1111
Ramp output
(x) % 214
Not applicable
(x) % 214, (x +1) % 214, (x +2) % 214, (x +3) % 214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com