Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 49Page - Analog Devices AD9689-2000EBZ Datasheet HTML 50Page - Analog Devices AD9689-2000EBZ Datasheet HTML 51Page - Analog Devices AD9689-2000EBZ Datasheet HTML 52Page - Analog Devices AD9689-2000EBZ Datasheet HTML 53Page - Analog Devices AD9689-2000EBZ Datasheet HTML 54Page - Analog Devices AD9689-2000EBZ Datasheet HTML 55Page - Analog Devices AD9689-2000EBZ Datasheet HTML 56Page - Analog Devices AD9689-2000EBZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 53 of 134
Setting Up the Multichannel NCO Feature
The first step to configure the multichannel NCO is to program
the FTWs. The AD9689 memory map has an FTW index
register for each DDC. This index determines which NCO
channel receives the FTW from the register map. The following
sequence describes the method for programming the FTWs:
1. Write the FTW index register with the desired DDC channel.
2. Write the FTW with the desired value. This value is applied
to the NCO channel index mentioned in Step 1.
3. Repeat Step 1 and Step 2 for other NCO channels.
After setting the FTWs, the user must then select an active
NCO channel. This selection can be performed either through
the SPI registers or through the external GPIO pins. The following
sequence describes the method for selecting the active NCO
channel using the SPI:
1. Set the NCO channel select mode bits (Bits[7:4] in
Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374) to 0x0 to enable SPI selection.
2. Choose the active NCO channel using Bits[3:0] in
Register 0x0314, Register 0x0334, Register 0x0354,
and Register 0x0374.
The following sequence describes the method for selecting the
active NCO channel using the GPIO CMOS pins:
1. Set the NCO channel select mode bits (Bits[7:4] in
Register 0x0314, Register 0x0334, Register 0x0354, and
Register 0x0374) to a nonzero value to enable GPIO pin
selection.
2. Configure the GPIO pins as NCO channel selection inputs
by writing to Register 0x0040, Register 0x0041, and
Register 0x0042.
3. NCO switching is performed by externally controlling the
GPIO CMOS pins.
NCO Synchronization
Each NCO contains a separate phase accumulator word (PAW).
The initial reset value of each PAW is set to zero and incremented
every clock cycle. The instantaneous phase of the NCO is
calculated using the PAW, FTW, MAW, MBW, and POW. Due to
this architecture, the FTW and POW registers can be updated at
any time while still maintaining deterministic phase results in
the PAW of the NCO.
Two methods can be used to synchronize multiple PAWs within
the chip:
•
Using the SPI. Use the DDC soft reset bit in the DDC
synchronization control register (Register 0x0300, Bit 4) to
reset all the PAWs in the chip. This reset is accomplished
by setting the DDC soft reset bit high, and then setting this
bit low. Note that this method can only be used to
synchronize DDC channels within the same chip.
•
Using the SYSREF± pin. When the SYSREF± pin is enabled
in the SYSREF control registers (Register 0x0120 and
Register 0x0121), and the DDC synchronization is enabled
in the DDC synchronization control register (Register 0x0300,
Bits[1:0]), any subsequent SYSREF± event resets all the
PAWs in the chip. Note that this method can be used to
synchronize DDC channels within the same chip or DDC
channels within separate chips.
NCO Multichip Synchronization
In some applications, it is necessary to synchronize all the
NCOs and local multiframe clocks (LMFCs) within multiple
devices in a system. For applications requiring multiple NCO
tuning frequencies in the system, a designer is likely to need to
generate a single SYSREF pulse at all devices simultaneously. For
many systems, generating or receiving a single-shot SYSREF
pulse at all devices is challenging because of the following
factors:
•
Enabling or disabling the SYSREF pulse is often an
asynchronous event.
•
Not all clock generation chips support this feature.
For these reasons, the AD9689 contains a synchronization
triggering mechanism that allows the following:
•
Multichip synchronization of all NCOs and LMFCs at
system startup.
•
Multichip synchronization of all NCOs after applying new
tuning frequencies during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com