Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 94 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 90Page - Analog Devices AD9689-2000EBZ Datasheet HTML 91Page - Analog Devices AD9689-2000EBZ Datasheet HTML 92Page - Analog Devices AD9689-2000EBZ Datasheet HTML 93Page - Analog Devices AD9689-2000EBZ Datasheet HTML 94Page - Analog Devices AD9689-2000EBZ Datasheet HTML 95Page - Analog Devices AD9689-2000EBZ Datasheet HTML 96Page - Analog Devices AD9689-2000EBZ Datasheet HTML 97Page - Analog Devices AD9689-2000EBZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 94 of 134
JESD204B BLOCK TEST MODES
In addition to the ADC pipeline test modes, the AD9689 also
has flexible test modes in the JESD204B block. These test modes
are listed in Register 0x0573 and Register 0x0574. These test
patterns can be inserted at various points along the output
datapath. These test insertion points are shown in Figure 156.
Table 40 describes the various test modes available in the
JESD204B block. For the AD9689, a transition from test modes
(Register 0x0573 ≠ 0x00) to normal mode (Register 0x0573 =
0x00) requires an SPI soft reset, which is done by writing 0x81
to Register 0x0000 (self cleared).
Transport Layer Sample Test Mode
The transport layer samples are implemented in the AD9689 as
defined by Section 5.1.6.3 in the JEDEC JESD204B specification.
These tests are shown in Register 0x0571, Bit 5. The test pattern
is equivalent to the raw samples from the ADC.
Interface Test Modes
The interface test modes are described in Register 0x0573, Bits[3:0].
These test modes are also explained in Table 40. The interface tests
can be inserted at various points along the data. See Figure 156
for more information on the test insertion points. Register 0x0573,
Bits[5:4] show where these tests are inserted.
Table 41, Table 42, and Table 43 show examples of some of the test
modes when inserted at the JESD204B sample input, physical 10-
bit input, and scrambler 8-bit input. UPx in Table 41 to Table 43
represent the user pattern control bits from the user register map.
Table 40. JESD204B Interface Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default
0000
Off (default)
Not applicable
Not applicable
0001
Alternating checker board
0x5555, 0xAAAA, 0x5555, …
Not applicable
0010
1/0 word toggle
0x0000, 0xFFFF, 0x0000, …
Not applicable
0011
31-bit PN sequence
x31 + x28 + 1
0x0003AFFF
0100
23-bit PN sequence
x23 + x18 + 1
0x003AFF
0101
15-bit PN sequence
x15 + x14 + 1
0x03AF
0110
9-bit PN sequence
x9 + x5 + 1
0x092
0111
7-bit PN sequence
x7 + x6 + 1
0x07
1000
Ramp output
(x) % 216
Ramp size depends on test insertion point
1110
Continuous/repeat user test
Register 0x0551 to Register 0x0558
User Pattern 1 to User Pattern 4, then repeat
1111
Single user test
Register 0x0551 to Register 0x0558
User Pattern 1 to User Pattern 4, then zeros
Table 41. JESD204B Sample Input for M = 2, S = 2, N' = 16 (Register 0x0573, Bits[5:4] = 2'b00)
Frame
Number
Converter
Number
Sample
Number
Alternating
Checkerboard
1/0 Word
Toggle
Ramp
PN9
PN23
User Repeat
User Single
0
0
0
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
0
1
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
1
0
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
1
1
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
1
0
0
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
0
1
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
1
0
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
1
1
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
2
0
0
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
0
1
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
1
0
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
1
1
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
3
0
0
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
0
1
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
1
0
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
1
1
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
4
0
0
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
0
1
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
1
0
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
1
1
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com