Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 10Page - Analog Devices AD9689-2000EBZ Datasheet HTML 11Page - Analog Devices AD9689-2000EBZ Datasheet HTML 12Page - Analog Devices AD9689-2000EBZ Datasheet HTML 13Page - Analog Devices AD9689-2000EBZ Datasheet HTML 14Page - Analog Devices AD9689-2000EBZ Datasheet HTML 15Page - Analog Devices AD9689-2000EBZ Datasheet HTML 16Page - Analog Devices AD9689-2000EBZ Datasheet HTML 17Page - Analog Devices AD9689-2000EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 14 of 134
Table 8. Pin Function Descriptions
19F
1
Pin No.
Mnemonic
Type
Description
Power Supplies
A3, A12, B3, B12, C3, C12
AVDD1
Power
Analog Power Supply (0.975 V Nominal).
A4, A5, A10, A11, B4, B11
AVDD1
20F
2
Power
Analog Power Supply for the Clock Domain (0.975 V
Nominal).
A1, A2, A13, A14, B1, B2, B13,
B14, C1, C2, C13, C14
AVDD2
Power
Analog Power Supply (1.9 V Nominal).
D1, D14, G1, G14
AVDD3
Power
Analog Power Supply (2.5 V Nominal).
E7
AVDD1_SR
Power
Analog Power Supply for SYSREF± (0.975 V Nominal).
L3, L10
SPIVDD
Power
Digital Power Supply for SPI (1.9 V Nominal).
M14, N1, N2, N14, P1, P2, P14
DVDD
Power
Digital Power Supply (0.975 V Nominal).
M5 to M8, M11
DRVDD1
Power
Digital Driver Power Supply (0.975 V Nominal).
M13
DRVDD2
Power
Digital Driver Power Supply (1.9 V Nominal).
B5, B10, C4, C5, C10, C11, D2 to
D6, D9 to D13, E2 to E5, E9
to E13, F2 to F6, F9 to F13,
G2 to G13, H1 to H9, H11 to
H14, J1 to J14
AGND
Ground
Analog Ground. These pins connect to the analog ground
plane.
A6, A9, B6 to B9, C6 to C9, D7,
D8
AGND2
Ground
Ground Reference for the Clock Domain.
E6, E8
AGND
21F
3
Ground
Ground Reference for SYSREF±.
K1 to K14
AGND
22F
4
Ground
Isolation Ground.
L1, L12 to L14, M1, M2
DGND
Ground
Digital Control Ground Supply. These pins connect to the
digital ground plane.
M3, M4, M9, M10, M12, N3,
N12, P3, P12
DRGND
Ground
Digital Driver Ground Supply. These pins connect to the
digital driver ground plane.
Analog
E1, F1
VIN−B, VIN+B
Input
ADC B Analog Input Complement/True.
E14, F14
VIN−A, VIN+A
Input
ADC A Analog Input Complement/True.
A7, A8
CLK+, CLK−
Input
Clock Input True/Complement.
H10
VREF
Input/output/
do not
connect (DNC)
0.50 V Reference Voltage Input/Do Not Connect. This pin
is configurable through the SPI as a no connect or an
input. Do not connect this pin if using the internal
reference. This pin requires a 0.50 V reference voltage
input if using an external voltage reference source.
CMOS Inputs/Outputs
L2
GPIO_B1
Input/output
GPIO B1.
L4
FD_B/GPIO_B0
Input/output
Fast Detect Outputs for Channel B/GPIO B0.
L9
FD_A/GPIO_A0
Input/output
Fast Detect Outputs for Channel A/GPIO A0.
L11
GPIO_A1
Input/output
GPIO A1.
Digital Inputs
F7, F8
SYSREF+, SYSREF−
Input
Active High JESD204B LVDS System Reference Input
True/Complement.
N13
SYNCINB+
Input
Active Low JESD204B LVDS/CMOS Sync Input True.
P13
SYNCINB−
Input
Active Low JESD204B LVDS Sync Input Complement.
Data Outputs
N4, P4
SERDOUT7+, SERDOUT7−
Output
Lane 7 Output Data True/Complement.
N5, P5
SERDOUT6+, SERDOUT6−
Output
Lane 6 Output Data True/Complement.
N6, P6
SERDOUT5+, SERDOUT5−
Output
Lane 5 Output Data True/Complement.
N7, P7
SERDOUT4+, SERDOUT4−
Output
Lane 4 Output Data True/Complement.
N8, P8
SERDOUT3+, SERDOUT3−
Output
Lane 3 Output Data True/Complement.
N9, P9
SERDOUT2+, SERDOUT2−
Output
Lane 2 Output Data True/Complement.
N10, P10
SERDOUT1+, SERDOUT1−
Output
Lane 1 Output Data True/Complement.
N11, P11
SERDOUT0+, SERDOUT0−
Output
Lane 0 Output Data True/Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com