Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 22Page - Analog Devices AD9689-2000EBZ Datasheet HTML 23Page - Analog Devices AD9689-2000EBZ Datasheet HTML 24Page - Analog Devices AD9689-2000EBZ Datasheet HTML 25Page - Analog Devices AD9689-2000EBZ Datasheet HTML 26Page - Analog Devices AD9689-2000EBZ Datasheet HTML 27Page - Analog Devices AD9689-2000EBZ Datasheet HTML 28Page - Analog Devices AD9689-2000EBZ Datasheet HTML 29Page - Analog Devices AD9689-2000EBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 26 of 134
EQUIVALENT CIRCUITS
0.3pF
AVDD3
VIN+x
AVDD3
100Ω
100Ω
AVDD3
AVDD3
VIN–x
0.3pF
AVDD3
AIN
CONTROL
(SPI)
VCM
BUFFER
Figure 66. Analog Inputs
106Ω
16kΩ
AVDD1
CLK+
CLK–
AVDD1
16kΩ
VCM = 0.65V
Figure 67. Clock Inputs
130kΩ
2.6kΩ
10kΩ
100Ω
10kΩ
100Ω
1.9pF
130kΩ
DRVDD1
DRVDD1
SYNCINB+
SYNCINB–
DRGND
DRGND
DRGND
DRGND
DRGND
LEVEL
TRANSLATOR VCM = 0.65V
SYNCINB± PIN
CONTROL (SPI)
CMOS PATH
DRVDD1
1.9pF
Figure 68. SYNCINB± Inputs
130kΩ
10kΩ
100Ω
10kΩ
100Ω
1.9pF
130kΩ
AVDD1_SR
SYSREF+
SYSREF–
LEVEL
TRANSLATOR VCM = 0.65V
AVDD1_SR
1.9pF
Figure 69. SYSREF± Inputs
OUTPUT
DRIVER
EMPHASIS/SWING
CONTROL (SPI)
DRVDD1
SERDOUTx+
x = 0, 1, 2, 3, 4, 5, 6, 7
SERDOUTx–
x = 0, 1, 2, 3, 4, 5, 6, 7
DATA+
DATA–
DRVDD1
DRGND
DRGND
Figure 70. Digital Outputs
56kΩ
SCLK
SPIVDD
SPIVDD
ESD
PROTECTED
ESD
PROTECTED
DGND
DGND
DGND
Figure 71. SCLK Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com