Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 51Page - Analog Devices AD9689-2000EBZ Datasheet HTML 52Page - Analog Devices AD9689-2000EBZ Datasheet HTML 53Page - Analog Devices AD9689-2000EBZ Datasheet HTML 54Page - Analog Devices AD9689-2000EBZ Datasheet HTML 55Page - Analog Devices AD9689-2000EBZ Datasheet HTML 56Page - Analog Devices AD9689-2000EBZ Datasheet HTML 57Page - Analog Devices AD9689-2000EBZ Datasheet HTML 58Page - Analog Devices AD9689-2000EBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 55 of 134
DDC Mixer Description
When not bypassed (Register 0x0200 ≠ 0x00), the digital
quadrature mixer performs a similar operation to an analog
quadrature mixer. It performs the downconversion of input
signals (real or complex) by using the NCO frequency as a local
oscillator. For real input signals, a real mixer operation (with
two multipliers) is performed. For complex input signals, a
complex mixer operation (with four multipliers and two adders)
is performed. The selection of real or complex inputs can be
controlled individually for each DDC block using Bit 7 of the
DDC control registers (Register 0x0310, Register 0x0330,
Register 0x0350, and Register 0x0370).
DDC NCO + Mixer Loss and SFDR
When mixing a real input signal down to baseband, −6 dB of
loss is introduced in the signal due to filtering of the negative
image. An additional −0.05 dB of loss is introduced by the NCO.
The total loss of a real input signal mixed down to baseband is
−6.05 dB. For this reason, it is recommended that the user
compensate for this loss by enabling the 6 dB of gain in the gain
stage of the DDC to recenter the dynamic range of the signal
within the full scale of the output bits (see the DDC Gain Stage
(Optional) section).
When mixing a complex input signal (where I and Q DDC
inputs come from the different ADCs) down to baseband, the
maximum value each I/Q sample is able to reach is 1.414 × full
scale, after the sample passes through the complex mixer. To
avoid overrange of the I/Q samples and to keep the data bit
widths aligned with real mixing, −3.06 dB of loss is introduced
in the mixer for complex signals. An additional −0.05 dB of loss
is introduced by the NCO. The total loss of a complex input
signal mixed down to baseband is −3.11 dB.
The worst case spurious signal from the NCO is greater than
102 dBc SFDR for all output frequencies.
DDC DECIMATION FILTERS
After the frequency translation stage, there are multiple
decimation filter stages that reduce the output data rate. After
the carrier of interest is tuned down to dc (carrier frequency =
0 Hz), these filters efficiently lower the sample rate, while
providing sufficient alias rejection from unwanted adjacent
carriers around the bandwidth of interest.
Figure 118 shows a simplified block diagram of the decimation
filter stage, and Table 16 describes the filter characteristics of
the different finite impulse response (FIR) filter blocks.
Table 17 shows the different filter configurations selectable by
including different filters. In all cases, the DDC filtering stage
provides 80% of the available output bandwidth, <±0.005 dB of
pass-band ripple and >100 dB of stop band alias rejection.
DECIMATION FILTERS
DCM = 3
FIR = FINITE IMPULSE RESPONSE FILTER
DCM = DECIMATION
HB1
FIR
TB1
FIR
DCM = 2
HB4
FIR
TB2
FIR
DCM = 3
DCM = 3
DCM = 2
HB4
FIR
DCM = 2
FB2
FIR
DCM = 5
FB2
FIR
DCM = 5
DCM = 2
TB1
FIR
HB1
FIR
DCM = 3
I
TB2
FIR
Q
I
Q
HB3
FIR
DCM = 2
HB2
FIR
DCM = 2
HB3
FIR
DCM = 2
HB2
FIR
DCM = 2
Q
I
Q
I
Q
I
I
Q
I
Q
I
Q
I
I
Q
Q
NCO
AND
MIXERS
(OPTIONAL)
NOTES
1. TB1 IS ONLY SUPPORTED IN DDC0 AND DDC1
Figure 118. DDC Decimation Filter Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com