Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 15Page - Analog Devices AD9689-2000EBZ Datasheet HTML 16Page - Analog Devices AD9689-2000EBZ Datasheet HTML 17Page - Analog Devices AD9689-2000EBZ Datasheet HTML 18Page - Analog Devices AD9689-2000EBZ Datasheet HTML 19Page - Analog Devices AD9689-2000EBZ Datasheet HTML 20Page - Analog Devices AD9689-2000EBZ Datasheet HTML 21Page - Analog Devices AD9689-2000EBZ Datasheet HTML 22Page - Analog Devices AD9689-2000EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 19 of 134
–40
–20
0
20
40
60
80
100
120
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 24. SNR/SFDR vs. Input Amplitude (AIN), fIN = 900 MHz
–40
–20
0
20
40
60
80
100
120
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 25. SNR/SFDR vs. Input Amplitude (AIN), fIN = 1800 MHz
0
10
20
30
40
50
60
70
80
90
–10
0
10 20 30 40 50 60 70 80 90 100 110 120
JUNCTION TEMPERATURE (°C)
SNR
SFDR
Figure 26. SNR/SFDR vs. Junction Temperature (TJ), fIN = 900 MHz
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
AVDD1 + AVDD2 + AVDD3 POWER
DRVDD1 + DRVDD2 POWER
DVDD + SPIVDD POWER
AVERAGE OF TOTAL POWER (W)
–10
0
10 20 30 40 50 60 70 80 90 100 110 120
JUNCTION TEMPERATURE (°C)
Figure 27. Power vs. Junction Temperature (TJ), fIN = 900 MHz
47
49
51
53
55
57
59
61
63
65
ANALOG INPUT FREQUENCY (MHz)
0.2V
0.3V
0.5V
0.8V
1.2V
1.8V
2.0V
Figure 28. SNR vs. Analog Input Frequency (fIN) for Various Clock Amplitude
in Differential Peak-to-Peak Voltages
0
10
20
30
40
50
60
70
80
90
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
SAMPLE FREQUENCY (GHz)
SNR
SFDR
Figure 29. SNR/SFDR vs. Sample Frequency (fS), fIN = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com