Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 87 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 83Page - Analog Devices AD9689-2000EBZ Datasheet HTML 84Page - Analog Devices AD9689-2000EBZ Datasheet HTML 85Page - Analog Devices AD9689-2000EBZ Datasheet HTML 86Page - Analog Devices AD9689-2000EBZ Datasheet HTML 87Page - Analog Devices AD9689-2000EBZ Datasheet HTML 88Page - Analog Devices AD9689-2000EBZ Datasheet HTML 89Page - Analog Devices AD9689-2000EBZ Datasheet HTML 90Page - Analog Devices AD9689-2000EBZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 87 of 134
SYSREF INPUT
The SYSREF input signal is used as a high accuracy system
reference for deterministic latency and multichip synchro-
nization. The AD9689 accepts a single-shot or periodic input
signal. The SYSREF± mode select bits (Register 0x0120, Bits[2:1])
select the input signal type and arm the SYSREF state machine
when set. If in single (or N) shot mode (Register 0x0120, Bits[2:1]
= 2 decimal), the SYSREF± mode select bit self clears after the
appropriate SYSREF transition is detected. The pulse width
must have a minimum width of two CLK± periods. If the clock
divider (Register 0x010B, Bits[3:0]) is set to a value other than
divide by 1, multiply this minimum pulse width requirement by
the divide ratio (that is, if set to divide by 8, the minimum pulse
width is 16 CLK± cycles). When using a continuous SYSREF
signal (Register 0x0120, Bits[2:1] = 1 decimal), the period of the
SYSREF signal must be an integer multiple of the LMFC. LMFC
can be derived using the following formula:
LMFC = ADC clock/(S × K)
where:
S is the JESD204B parameter for number of samples per converter.
K is the number of frames per multiframe.
The input clock divider, DDCs, signal monitor block, and
JESD204B link are all synchronized using the SYSREF± input when
in normal synchronization mode (Register 0x01FF, Bit 0 = 0).
The SYSREF± input can also be used to timestamp an ADC
sample to provide a mechanism for synchronizing multiple
AD9689 devices in a system. For the highest level of timing
accuracy, SYSREF± must meet setup and hold requirements
relative to the CLK± input. There are several features in the
AD9689 that can be used to ensure these requirements are met;
these features are described in the SYSREF Control Features
section.
SYSREF Control Features
SYSREF is used, along with the input clock (CLK), as part of a
source-synchronous timing interface and requires setup and
hold timing requirements of −65 ps and 95 ps relative to the
input clock (see Figure 148). The AD9689 has several features
that aid the user in meeting these requirements. First, the
SYSREF sample event can be defined as either a synchronous
low to high transition or synchronous high to low transition.
Second, the AD9689 allows the SYSREF signal to be sampled
using either the rising edge or falling edge of the input clock.
Figure 148, Figure 149, Figure 150, and Figure 151 show all four
possible combinations.
The third SYSREF related feature available is the ability to
ignore a programmable number (up to 16) of SYSREF events.
The AD9689 is able to ignore N SYSREF events (note that the
SYSREF ignore feature is enabled by setting the SYSREF± mode
select bits (Register 0x0120, Bits[2:1]) to 2'b10, N-shot mode).
This feature is useful for handling periodic SYSREF signals,
which need time to settle after startup. Ignoring SYSREF until the
clocks in the system have settled can avoid an inaccurate SYSREF
trigger. Figure 152 shows an example of the SYSREF ignore
feature when ignoring three SYSREF events.
CLK
SYSREF
KEEP OUT WINDOW
SYSREF
SAMPLE POINT
HOLD
REQUIREMENT
95ps
SETUP
REQUIREMENT
–65ps
Figure 148. SYSREF Setup and Hold Time Requirements—SYSREF Low to
High Transition Using Rising Edge Clock (Default)
CLK
SYSREF
SYSREF
SAMPLE POINT
HOLD
REQUIREMENT
95ps
SETUP
REQUIREMENT
–65ps
Figure 149. SYSREF Low to High Transition Using Falling Edge Clock Capture
(Register 0x0120, Bit 4 = 1’b0; Register 0x0120, Bit 3 = 1’b1)
CLK
SYSREF
SYSREF
SAMPLE POINT
HOLD
REQUIREMENT
95ps
SETUP
REQUIREMENT
–65ps
Figure 150. SYSREF High to Low Transition Using Rising Edge Clock Capture
(Register 0x0120, Bit 4 = 1’b1; Register 0x0120, Bit 3 = 1’b0)
SYSREF
SAMPLE POINT
CLK
SYSREF
HOLD
REQUIREMENT
95ps
SETUP
REQUIREMENT
–65ps
Figure 151. SYSREF High to Low Transition Using Falling Edge Clock Capture
(Register 0x0120, Bit 4 = 1’b1; Register 0x0120, Bit 3 = 1’b1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com