Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 16Page - Analog Devices AD9689-2000EBZ Datasheet HTML 17Page - Analog Devices AD9689-2000EBZ Datasheet HTML 18Page - Analog Devices AD9689-2000EBZ Datasheet HTML 19Page - Analog Devices AD9689-2000EBZ Datasheet HTML 20Page - Analog Devices AD9689-2000EBZ Datasheet HTML 21Page - Analog Devices AD9689-2000EBZ Datasheet HTML 22Page - Analog Devices AD9689-2000EBZ Datasheet HTML 23Page - Analog Devices AD9689-2000EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 20 of 134
0
10
20
30
40
50
60
70
80
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
SAMPLE FREQUENCY (GHz)
SNR
SFDR
Figure 30. SNR/SFDR vs. Sample Frequency (fS), fIN = 1.8 GHz
0
0.5
1.0
1.5
2.0
2.5
3.0
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
SAMPLE FREQUENCY (GHz)
AVDD1 + AVDD2 + AVDD3 POWER
DRVDD1 + DRVDD2 POWER
DVDD + SPIVDD POWER
AVERAGE OF TOTAL POWER
Figure 31. Power Dissipation vs. Sample Frequency (fS), fIN = 1.8 GHz
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
100
2100
4100
6100
8100
10100
12100
FREQUENCY (MHz)
Figure 32. Input Bandwidth (See Figure 80 for the Input Configuration)
0
50,000
100,000
150,000
200,000
250,000
300,000
350,000
400,000
3.8 LSB RMS
OUTPUT CODE
Figure 33. Input Referred Noise Histogram
–6
–4
–2
0
2
4
6
0
2000
4000
6000
8000 10000 12000 14000 16000
OUTPUT CODE
Figure 34. INL, fIN = 155 MHz
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.8
0.6
0
2000
4000
6000
8000 10000 12000 14000 16000
OUTPUT CODE
Figure 35. DNL, fIN = 155 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com