Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 74Page - Analog Devices AD9689-2000EBZ Datasheet HTML 75Page - Analog Devices AD9689-2000EBZ Datasheet HTML 76Page - Analog Devices AD9689-2000EBZ Datasheet HTML 77Page - Analog Devices AD9689-2000EBZ Datasheet HTML 78Page - Analog Devices AD9689-2000EBZ Datasheet HTML 79Page - Analog Devices AD9689-2000EBZ Datasheet HTML 80Page - Analog Devices AD9689-2000EBZ Datasheet HTML 81Page - Analog Devices AD9689-2000EBZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 78 of 134
Number
of Virtual
Converters
Supported
(Same as M)
JESD204B
Serial
Lane
Rate
38F
2
Supported Decimation Rates
JESD204B Transport Layer Settings
39F
3
Lane Rate =
1.6875 Gbps to
3.375 Gbps
Lane Rate =
3.375 Gbps to
6.75 Gbps
Lane Rate =
6.75 Gbps to
13.5 Gbps
Lane Rate =
13.5 Gbps to
16 Gbps
L
M
F
S
HD
N
N'
CS
K
8
160 × fOUT
16, 40, 48
8, 16, 20, 24, 40,
48
4, 8, 12, 16, 20,
24, 40, 48
4, 8, 12, 16,
20, 24
1
8
16
1
0
8 to 16
16
0 to 3
See
Note 4
80 × fOUT
8, 16, 20, 24, 40,
48
4, 8, 10, 12, 16,
20, 24, 40, 48
2, 4, 6, 8, 10, 12,
16, 20, 24
2, 4, 6, 8, 10,
12, 16
2
8
8
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12, 16,
20, 24, 40, 48
2, 4, 6, 8, 10, 12,
16, 20, 24
2, 4, 6, 8, 10, 12,
16
2, 4, 6, 8
4
8
4
1
0
8 to 16
16
0 to 3
See
Note 4
40 × fOUT
4, 8, 10, 12, 16,
20, 24, 40, 48
2, 4, 6, 8, 10, 12,
16, 20, 24
2, 4, 6, 8, 10, 12,
16
2, 4, 6, 8
4
8
8
2
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 6, 8, 10, 12,
16, 20, 24
2, 4, 6, 8, 10, 12,
16
2, 4, 6, 8
2, 4
8
8
2
1
0
8 to 16
16
0 to 3
See
Note 4
20 × fOUT
2, 4, 6, 8, 10, 12,
16, 20, 24
2, 4, 6, 8, 10, 12,
16
2, 4, 6, 8
2, 4
8
8
4
2
0
8 to 16
16
0 to 3
See
Note 4
1 Due to the internal clock requirements, only certain decimation rates are supported for certain link parameters.
2 JESD204B transport layer descriptions are as follows: L is the number of lanes per converter device (lanes per link); M is the number of virtual converters per converter
device (virtual converters per link); F is the octets per frame; S is the samples transmitted per virtual converter per frame cycle; HD is the high density mode; N is the
virtual converter resolution (in bits); N' is the total number of bits per sample (JESD204B word size); CS is the number of control bits per conversion sample; K is the
number of frames per multiframe.
3 fADC_CLK is the ADC sample rate; DCM = chip decimation ratio; fOUT is the output sample rate = fADC_CLK/DCM; SLR is the JESD204B serial lane rate. The following
equations must be met due to internal clock divider requirements: SLR ≥1.6875 Gbps and SLR ≤15.5 Gbps; SLR/40 ≤ fADC_CLK; least common multiple (20 × DCM ×
fOUT/SLR, DCM) ≤64. When the SLR is ≤16000 Mbps and >13500 Mbps, Register 0x056E must be set to 0x30. When the SLR is ≤13500 Mbps and ≥6750 Mbps,
Register 0x056E must be set to 0x00. When the SLR is < 6750 Mbps and ≥ 3375 Mbps, Register 0x056E must be set to 0x10. When the SLR is <3375 Mbps and
≥1687.5 Mbps, Register 0x056E must be set to 0x50.
4 Only valid K × F values that are divisible by 4 are supported: for F = 1, K = 20, 24, 28, 32; for F = 2, K = 12, 16, 20, 24, 28, 32; for F = 4, K = 8, 12, 16, 20, 24, 28, 32; for F = 8,
K = 4, 8, 12, 16, 20, 24, 28, 32; and for F = 16, K = 4, 8, 12, 16, 20, 24, 28, 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com