Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 20Page - Analog Devices AD9689-2000EBZ Datasheet HTML 21Page - Analog Devices AD9689-2000EBZ Datasheet HTML 22Page - Analog Devices AD9689-2000EBZ Datasheet HTML 23Page - Analog Devices AD9689-2000EBZ Datasheet HTML 24Page - Analog Devices AD9689-2000EBZ Datasheet HTML 25Page - Analog Devices AD9689-2000EBZ Datasheet HTML 26Page - Analog Devices AD9689-2000EBZ Datasheet HTML 27Page - Analog Devices AD9689-2000EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 24 of 134
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
–90 –82 –74 –66 –58 –50 –42 –34 –26 –18 –10 –2
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 54. SNR/SFDR vs. Input Amplitude (AIN), fIN = 900 MHz
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
110
–90 –82 –74 –66 –58 –50 –42 –34 –26 –18 –10 –2
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 55. SNR/SFDR vs. Input Amplitude (AIN), fIN = 1800 MHz
50
55
60
65
70
75
–10 0
10 20 30 40 50 60 70 80 90 100 110 120
JUNCTION TEMPERATURE (°C)
SNR
SFDR
Figure 56. SNR/SFDR vs. Junction Temperature (TJ), fIN = 900 MHz
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–10 0
10 20 30 40 50 60 70 80 90 100 110 120
JUNCTION TEMPERATURE (°C)
AVDD1 POWER/AVDD2 POWER/AVDD3 POWER (W)
DRVDD1 POWER/DRVDD2 POWER (W)
DVDD POWER/SPIVDD POWER (W)
TOTAL POWER (W)
Figure 57. Power vs. Junction Temperature (TJ), fIN = 900 MHz
47
49
51
53
55
57
59
61
63
155.3 655.3 1155.3 1655.3 2155.3 2655.3 3155.3 3655.3
ANALOG INPUT FREQUENCY (MHz)
0.2V
0.3V
0.5V
0.8V
1.2V
1.8V
2.0V
Figure 58. SNR vs. Analog Input Frequency (fIN) for Various Clock Amplitude
in Differential Peak-to-Peak Voltages
0
10
20
30
40
50
60
70
80
90
1800 1900 2000 2100 2200 2300 2400 2500 2600 2700
SAMPLE FREQUENCY (MHz)
SNR
SFDR
Figure 59. SNR/SFDR vs. Sample Frequency (fS), fIN = 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com