Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 28Page - Analog Devices AD9689-2000EBZ Datasheet HTML 29Page - Analog Devices AD9689-2000EBZ Datasheet HTML 30Page - Analog Devices AD9689-2000EBZ Datasheet HTML 31Page - Analog Devices AD9689-2000EBZ Datasheet HTML 32Page - Analog Devices AD9689-2000EBZ Datasheet HTML 33Page - Analog Devices AD9689-2000EBZ Datasheet HTML 34Page - Analog Devices AD9689-2000EBZ Datasheet HTML 35Page - Analog Devices AD9689-2000EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 32 of 134
VREF PIN
AND VFS
CONTROL
INPUT
FULL-SCALE
ADJUST
VREF
INPUT
0.1µF
0.1µF
VOUT
VIN
ADC
INTERNAL
0.5V
REFERENCE
GENERATOR
SET
GND
NC
NC
ADR130
Figure 86. External Reference Using the ADR130
DC OFFSET CALIBRATION
The AD9689 contains a digital filter to remove the dc offset
from the output of the ADC. For ac-coupled applications, this
filter can be enabled by writing 0x86 to Register 0x0701. The
filter computes the average dc signal and it is digitally subtracted
from the ADC output. As a result, the dc offset is improved to
better than 70 dBFS at the output. Because the filter does not
distinguish between the source of dc signals, this feature can be
used when the signal content at dc is not of interest. The filter
corrects dc up to ±512 codes and saturates beyond this value.
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD9689 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal is
ac-coupled to the CLK+ and CLK− pins via a transformer or clock
drivers. These pins are biased internally and require no
additional biasing.
Figure 87 shows the differential input return loss curve for the
clock inputs across a frequency range of 100 MHz to 6 GHz.
The reference impedance is 100 Ω.
0
0
5.0
–5.0
2.0
1.0
–1.0
FREQUENCY (100MHz TO 10GHz)
–2.0
0.5
–0.5
0.2
–0.2
m1
FREQUENCY = 2.001GHz
SDD11 = 0.274/–156.496
IMPEDANCE = Z0 × (0.586 – j0.139)
m2
FREQUENCY = 2.602GHz
SDD11 = 0.319/–176.549
IMPEDANCE = Z0 × (0.516 – j0.022)
m3
FREQUENCY = 2.996GHz
SDD11 = 0.337/169.383
IMPEDANCE = Z0 × (0.499 – j0.070)
m4
FREQUENCY = 4.001GHz
SDD11 = 0.360/139.617
IMPEDANCE = Z0 × (0.518 + j0.278)
m5
FREQUENCY = 5.202GHz
SDD11 = 0.364/139.617
IMPEDANCE = Z0 × (0.761 + j0.639)
m5
m4
m1
m2
m3
Figure 87. Differential Input Return Loss for the CLK± Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com