Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 21Page - Analog Devices AD9689-2000EBZ Datasheet HTML 22Page - Analog Devices AD9689-2000EBZ Datasheet HTML 23Page - Analog Devices AD9689-2000EBZ Datasheet HTML 24Page - Analog Devices AD9689-2000EBZ Datasheet HTML 25Page - Analog Devices AD9689-2000EBZ Datasheet HTML 26Page - Analog Devices AD9689-2000EBZ Datasheet HTML 27Page - Analog Devices AD9689-2000EBZ Datasheet HTML 28Page - Analog Devices AD9689-2000EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 25 of 134
0
10
20
30
40
50
60
70
80
1800 1900 2000 2100 2200 2300 2400 2500 2600 2700
SAMPLE FREQUENCY (MHz)
SNR
SFDR
Figure 60. SNR/SFDR vs. Sample Frequency (fS), fIN = 1.8 GHz
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1800 1900 2000 2100 2200 2300 2400 2500 2600 2700
SAMPLE FREQUENCY (MHz)
AVDD1 POWER/AVDD2 POWER/AVDD3 POWER
DRVDD1 POWER/DRVDD2 POWER
DVDD POWER/SPIVDD POWER
TOTAL POWER
Figure 61. Power Dissipation vs. Sample Frequency (fS), fIN = 1.8 GHz
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
100
2100
4100
6100
8100
10100
12100
FREQUENCY (MHz)
Figure 62. Input Bandwidth (See Figure 80 for the Input Configuration)
0
50000
100000
150000
200000
250000
300000
350000
400000
OUTPUT CODE
4.6 LSB RMS
Figure 63. Input Referred Noise Histogram
–4
–3
–2
–1
0
1
2
3
4
5
6
0
2000
4000
6000
8000 10000 12000 14000 16000
OUTPUT CODE
Figure 64. INL, fIN = 155 MHz
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
2000
4000
6000
8000 10000 12000 14000 16000
OUTPUT CODE
Figure 65. DNL, fIN = 155 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com