Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 6Page - Analog Devices AD9689-2000EBZ Datasheet HTML 7Page - Analog Devices AD9689-2000EBZ Datasheet HTML 8Page - Analog Devices AD9689-2000EBZ Datasheet HTML 9Page - Analog Devices AD9689-2000EBZ Datasheet HTML 10Page - Analog Devices AD9689-2000EBZ Datasheet HTML 11Page - Analog Devices AD9689-2000EBZ Datasheet HTML 12Page - Analog Devices AD9689-2000EBZ Datasheet HTML 13Page - Analog Devices AD9689-2000EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 10 of 134
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Min
Typ
Max
Unit
CLK+ to SYSREF+ TIMING REQUIREMENTS
tSU_SR
Device clock to SYSREF+ setup time
−65
ps
tH_SR
Device clock to SYSREF+ hold time
95
ps
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK for SPI Reads
Period of the SCLK
20
ns
tCLK for SPI Writes
Period of the SCLK
10
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH for SPI Reads
Minimum period that SCLK must be in a logic high state
8
ns
tHIGH for SPI Writes
Minimum period that SCLK must be in a logic high state
4
ns
tLOW for SPI Reads
Minimum period that SCLK must be in a logic low state
8
ns
tLOW for SPI Writes
Minimum period that SCLK must be in a logic low state
4
ns
tACCESS
Maximum time delay between the falling edge of SCLK and
output data valid for a read operation
5
8
ns
tDIS_SDIO
Time required for the SDIO pin to switch from an output to an
input, relative to the SCLK rising edge (not shown in Figure 4)
2
ns
Timing Diagrams
A
B
C
D
E
F
G
H
I
J
CONVERTER0
SAMPLE N – 75 MSB
SERDOUT0–
SERDOUT0+
CLK–
CLK+
CLK–
CLK+
A
B
C
D
E
F
G
H
I
J
CONVERTER0
SAMPLE N – 75 LSB
SERDOUT1–
SERDOUT1+
A
B
C
D
E
F
G
H
I
J
CONVERTER0
SAMPLE N – 74 MSB
SERDOUT2–
SERDOUT2+
A
B
C
D
E
F
G
H
I
J
CONVERTER0
SAMPLE N – 74 LSB
SERDOUT3–
SERDOUT3+
A
B
C
D
E
F
G
H
I
J
CONVERTER1
SAMPLE N – 75 MSB
SERDOUT4–
SERDOUT4+
A
B
C
D
E
F
G
H
I
J
CONVERTER1
SAMPLE N – 75 LSB
SERDOUT5–
SERDOUT5+
A
B
C
D
E
F
G
H
I
J
CONVERTER1
SAMPLE N – 74 MSB
SERDOUT6–
SERDOUT6+
A
B
C
D
E
F
G
H
I
J
CONVERTER1
SAMPLE N – 74 LSB
SERDOUT7–
SERDOUT7+
APERTURE DELAY
N – 74
N – 73
N – 72
N – 1
N + 1
SAMPLE N
N – 75
ANALOG
INPUT
SIGNAL
SAMPLE N – 75 AND N – 74
ENCODED INTO ONE
8-BIT/10-BIT SYMBOL
Figure 2. Data Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com