Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 14Page - Analog Devices AD9689-2000EBZ Datasheet HTML 15Page - Analog Devices AD9689-2000EBZ Datasheet HTML 16Page - Analog Devices AD9689-2000EBZ Datasheet HTML 17Page - Analog Devices AD9689-2000EBZ Datasheet HTML 18Page - Analog Devices AD9689-2000EBZ Datasheet HTML 19Page - Analog Devices AD9689-2000EBZ Datasheet HTML 20Page - Analog Devices AD9689-2000EBZ Datasheet HTML 21Page - Analog Devices AD9689-2000EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 18 of 134
0
–135
–120
–90
–60
–45
–30
–15
–105
–75
0
125
250
375
500
625
750
875
1000
FREQUENCY (MHz)
AIN1 AND AIN2 = –8dBFS
SFDR = 72dBFS
IMD2 = 82dBFS
IMD3 = 72dBFS
BUFFER CURRENT = 500µA
Figure 18. Two-Tone FFT; fIN1 = 1841 MHz, fIN2 = 1846 MHz;
AIN1 and AIN2 = −8 dBFS
0
–135
–120
–90
–60
–45
–30
–15
–105
–75
0
125
250
375
500
625
750
875
1000
FREQUENCY (MHz)
AIN1 AND AIN2 = –8dBFS
SFDR = 74dBFS
IMD2 = 77dBFS
IMD3 = 74dBFS
BUFFER CURRENT = 700µA
Figure 19. Two-Tone FFT; fIN1 = 2137 MHz, fIN2 = 2142 MHz;
AIN1 and AIN2 = −8 dBFS
0
–135
–120
–90
–60
–45
–30
–15
–105
–75
–60
–45
–30
–15
0
15
30
45
60
FREQUENCY (MHz)
AIN1 AND AIN2 = –8dBFS
NCO FREQUENCY = 942.5MHz
SFDR = 91dBFS
BUFFER CURRENT = 700µA
Figure 20. Two-Tone FFT; fIN1 = 947.5 MHz, fIN2 = 1855.5 MHz
fCLK = 1.96608 GHz; Decimation Ratio = 16, NCO Frequency = 942.5 MHz
0
–135
–120
–90
–60
–45
–30
–15
–105
–75
–60
–45
–30
–15
0
15
30
45
60
FREQUENCY (MHz)
AIN1 AND AIN2 = –8dBFS
NCO FREQUENCY = 1.842GHz
SFDR = 99dBFS
BUFFER CURRENT = 700µA
Figure 21. Two-Tone FFT; fIN1 = 947.5 MHz, fIN2 = 1855.5 MHz
fCLK = 1.96608 GHz; Decimation Ratio = 16, NCO Frequency = 1842.5 MHz
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 22. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 1841.5 MHz, fIN2 = 1846.5 MHz
–120
–140
–100
–80
–60
–40
–20
0
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBc)
IMD3 (dBFS)
Figure 23. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 2137.5 MHz, fIN2 = 2142.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com