Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 18Page - Analog Devices AD9689-2000EBZ Datasheet HTML 19Page - Analog Devices AD9689-2000EBZ Datasheet HTML 20Page - Analog Devices AD9689-2000EBZ Datasheet HTML 21Page - Analog Devices AD9689-2000EBZ Datasheet HTML 22Page - Analog Devices AD9689-2000EBZ Datasheet HTML 23Page - Analog Devices AD9689-2000EBZ Datasheet HTML 24Page - Analog Devices AD9689-2000EBZ Datasheet HTML 25Page - Analog Devices AD9689-2000EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 22 of 134
0
–120
–90
–60
–45
–30
–15
1.05G
0
900M
750M
600M
450M
300M
150M
fIN (Hz)
–105
–75
1.20G
AIN = –2dBFS
SNRFS = 58.0dB
SFDR = 64dBFS
ENOB = 9.1 BITS
NSD = –149.0dBFS/Hz
BUFFER CURRENT = 700µA
Figure 42. Single-Tone FFT at fIN = 3300 MHz
0
–120
–90
–60
–45
–30
–15
1.05G
0
900M
750M
600M
450M
300M
150M
fIN (Hz)
–105
–75
1.20G
AIN = –2dBFS
SNRFS = 54.0dB
SFDR = 60dBFS
ENOB = 8.2 BITS
NSD = –145.1dBFS/Hz
BUFFER CURRENT = 700µA
Figure 43. Single-Tone FFT at fIN = 4350 MHz; Full-Scale Voltage = 1.1 V p-p
0
1.05G
900M
750M
600M
450M
300M
150M
fIN (Hz)
0
–120
–90
–60
–45
–30
–15
–105
–75
1.20G
AIN = –2dBFS
SNRFS = 53.0dB
SFDR = 59dBFS
ENOB = 7.9 BITS
NSD = –144.1dBFS/Hz
BUFFER CURRENT = 700µA
Figure 44. Single-Tone FFT at fIN = 5400 MHz; Full-Scale Voltage = 1.1 V p-p
30
35
40
45
50
55
60
65
70
75
80
INPUT FREQUENCY (MHz)
300µA, SFDR
300µA, SNR
500µA, SFDR
500µA, SNR
700µA, SFDR
700µA, SNR
Figure 45. SNR/SFDR vs. Input Frequency (fIN) for Various Buffer Currents
INPUT FREQUENCY (MHz)
–80
–75
–70
–65
–60
–55
–50
–45
300µA
500µA
700µA
Figure 46. Second Harmonics (HD2) vs. Input Frequency (fIN) for Various
Buffer Currents
–90
–85
–80
–75
–70
–65
–60
–55
–50
–45
–40
INPUT FREQUENCY (MHz)
300µA
500µA
700µA
Figure 47. Third Harmonics (HD3) vs. Input Frequency (fIN) for Various Buffer
Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com