Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 27Page - Analog Devices AD9689-2000EBZ Datasheet HTML 28Page - Analog Devices AD9689-2000EBZ Datasheet HTML 29Page - Analog Devices AD9689-2000EBZ Datasheet HTML 30Page - Analog Devices AD9689-2000EBZ Datasheet HTML 31Page - Analog Devices AD9689-2000EBZ Datasheet HTML 32Page - Analog Devices AD9689-2000EBZ Datasheet HTML 33Page - Analog Devices AD9689-2000EBZ Datasheet HTML 34Page - Analog Devices AD9689-2000EBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 31 of 134
Dither
The AD9689 has internal on-chip dither circuitry that improves
the ADC linearity and SFDR, particularly at smaller signal levels.
A known but random amount of white noise is injected into the
input of the AD9689. This dither improves the small signal
linearity within the ADC transfer function and is precisely
subtracted out digitally. The dither is turned on by default and
does not reduce the ADC input dynamic range. The data sheet
specifications and limits are obtained with the dither turned on.
The dither is on by default. It is not recommended to turn it off.
Absolute Maximum Input Swing
The absolute maximum input swing allowed at the inputs of the
AD9689 is 5.8 V p-p differential. Signals operating near or at
this level can cause permanent damage to the ADC. See Table 6
for more information.
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the
AD9689. This internal 0.5 V reference sets the full-scale input
range of the ADC. The full-scale input range can be adjusted via
the ADC input full-scale control register (Register 0x1910). For
more information on adjusting the input swing, see Table 46 and
Table 53. Figure 85 shows the block diagram of the internal 0.5 V
reference controls.
The SPI Register 0x18A6 enables the user to either use this
internal 0.5 V reference, or to provide an external 0.5 V
reference. When using an external voltage reference, provide a
0.5 V reference. The full-scale adjustment is made using the SPI,
irrespective of the reference voltage. For more information on
adjusting the full-scale level of the AD9689, refer to the Memory
Map section.
The SPI writes required to use the external voltage reference, in
order, are as follows:
1. Set Register 0x18E3 to 0x00 to turn off the VCM export.
2. Set Register 0x18E6 to 0x00 to turn off the temperature
diode export.
3. Set Register 0x18A6 to 0x01 to turn on the external voltage
reference.
The use of an external reference may be necessary, in some
applications, to enhance the gain accuracy of the ADC or to
improve thermal drift characteristics. Figure 84 shows the
typical drift characteristics of the internal 0.5 V reference.
0.5060
0.5055
0.5050
0.5045
0.5040
0.5035
0.5030
–10
10
30
50
70
90
110
130
JUNCTION TEMPERATURE (°C)
Figure 84. Typical Reference Voltage (VREF) Drift
The external reference must be a stable 0.5 V reference. The
ADR130 is a sufficient option for providing the 0.5 V reference.
Figure 86 shows how the ADR130 can be used to provide the
external 0.5 V reference to the AD9689. The dashed lines show
unused blocks within the AD9689 while using the ADR130 to
provide the external reference.
ADC
CORE
INPUT FULL-SCALE
RANGE ADJUST
SPI REGISTER
(0x1910)
VREF PIN
CONTROL SPI
REGISTER
(0x18A6)
VIN+A/VIN+B
VIN–A/VIN–B
VREF
INTERNAL
0.5V
REFERENCE
GENERATOR
INPUT
FULL-SCALE
ADJUST
Figure 85. Internal Reference Configuration and Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com