Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 25Page - Analog Devices AD9689-2000EBZ Datasheet HTML 26Page - Analog Devices AD9689-2000EBZ Datasheet HTML 27Page - Analog Devices AD9689-2000EBZ Datasheet HTML 28Page - Analog Devices AD9689-2000EBZ Datasheet HTML 29Page - Analog Devices AD9689-2000EBZ Datasheet HTML 30Page - Analog Devices AD9689-2000EBZ Datasheet HTML 31Page - Analog Devices AD9689-2000EBZ Datasheet HTML 32Page - Analog Devices AD9689-2000EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 29 of 134
Differential Input Configurations
There are several ways to drive the AD9689, either actively or
passively. Optimum performance is achieved by driving the
analog input differentially.
For applications where SNR and SFDR are key parameters,
differential transformer coupling is the recommended input
configuration (see Figure 79 and Table 9) because the noise
performance of most amplifiers is not adequate to achieve the
true performance of the AD9689.
For low to midrange frequencies, a double balun or double
transformer network (see Figure 79 and Table 9) is recommended
for optimum performance of the AD9689.
For higher frequencies in the second or third Nyquist zones, it
is recommended to remove some of the front-end passive
components to ensure wideband operation (see Figure 80 and
Table 9).
ADC
200Ω
C3
C2
C1
C4
R1
NOTES:
1. SEE TABLE 9 FOR COMPONENT VALUES
R2
R2
R3
C3
C2
R1
R3
MARKI
BAL-0006
Figure 79. Differential Transformer Coupled Configuration for the AD9689
ADC
MARKI
BAL-0009
25Ω
25Ω
25Ω
0.1µF
0.1µF
0.1µF
200Ω
10Ω
25Ω
10Ω
Figure 80. Input Network Configuration for Frequencies > 5 GHz
Table 9. Differential Transformer Coupled Input Configuration Component Values
Frequency Range
Transformer
R1
R2
R3
C1
C2
C3
C4
<5000 MHz
BAL-0006
25 Ω
25 Ω
10 Ω
0.1 μF
0.1 μF
0.4 pF
0.4 pF or open
>5000 MHz
BAL-0009
25 Ω
25 Ω
10 Ω
0.1 μF
0.1 μF
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com