Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 63Page - Analog Devices AD9689-2000EBZ Datasheet HTML 64Page - Analog Devices AD9689-2000EBZ Datasheet HTML 65Page - Analog Devices AD9689-2000EBZ Datasheet HTML 66Page - Analog Devices AD9689-2000EBZ Datasheet HTML 67Page - Analog Devices AD9689-2000EBZ Datasheet HTML 68Page - Analog Devices AD9689-2000EBZ Datasheet HTML 69Page - Analog Devices AD9689-2000EBZ Datasheet HTML 70Page - Analog Devices AD9689-2000EBZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 67 of 134
DDC POWER CONSUMPTION
Table 28 and Figure 28 describe the typical and maximum DVDD and DRVDD1 power consumption for certain DDC modes for 2.0 GSPS
and 2.6 GSPS.
Table 28. DDC Power Consumption for Example Configurations for 2.0 GSPS; fS = 2.0 GHz
Number of
DDCs
DDC Decimation
Ratio1
Number of
Lanes (L)
Number of Virtual
Converters (M)
Number of Octets
per frame (F)
DVDD Power (mW)
DRVDD1 Power (mW)
Typ
Max
Typ
Max
2
3
8
4
2
465
958
240
345
2
4
8
4
1
400
877
200
301
2
6
4
4
2
405
881
135
226
2
8
4
4
2
385
858
115
205
2
12
2
4
4
400
870
80
170
4
6
8
8
2
525
1040
240
345
4
8
8
8
2
485
970
200
295
1
See Table 17 for details on decimation filter selection, the associated alias protected bandwidths, and SNR improvements.
Table 29. DDC Power Consumption for Example Configurations for 2.6 GSPS; fS = 2.56 GHz
Number of
DDCs
DDC Decimation
Ratio1
Number of
Lanes (L)
Number of Virtual
Converters (M)
Number of Octets
per frame (F)
DVDD Power (mW)
DRVDD1 Power (mW)
Typ
Max
Typ
Max
2
3
8
4
2
575
995
280
375
2
4
8
4
1
520
930
230
325
2
6
4
4
2
515
925
155
238
2
8
4
4
2
500
905
135
211
2
12
2
4
4
510
912
95
165
4
6
8
8
2
655
1090
280
380
4
8
8
8
2
630
1090
230
325
1
See Table 17 for details on decimation filter selection, the associated alias protected bandwidths, and SNR improvements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com