Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 85 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 81Page - Analog Devices AD9689-2000EBZ Datasheet HTML 82Page - Analog Devices AD9689-2000EBZ Datasheet HTML 83Page - Analog Devices AD9689-2000EBZ Datasheet HTML 84Page - Analog Devices AD9689-2000EBZ Datasheet HTML 85Page - Analog Devices AD9689-2000EBZ Datasheet HTML 86Page - Analog Devices AD9689-2000EBZ Datasheet HTML 87Page - Analog Devices AD9689-2000EBZ Datasheet HTML 88Page - Analog Devices AD9689-2000EBZ Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 85 of 134
MULTICHIP SYNCHRONIZATION
The flowchart in Figure 147 shows the internal mechanism for
multichip synchronization in the AD9689. There are two methods
by which multichip synchronization can take place, as determined
by the synchronization mode bit (Register 0x01FF, Bit 0). Each
method involves different applications of the SYSREF signal.
NORMAL MODE
The default sate of the chip synchronization mode bit is 0, which
configures the AD9689 for normal chip synchronization. The
JESD204B standard specifies the use of SYSREF to provide for
deterministic latency within a single link. This same concept,
when applied to a system with multiple converters and logic
devices, can also provide multichip synchronization referred to as
normal mode (see Figure 147). Following the process in the
flowchart ensures that the AD9689 is configured appropriately. The
user must also consult the logic devices user IP guide to ensure
that the JESD204B receivers are configured appropriately.
TIMESTAMP MODE
For all AD9689 full bandwidth operating modes, the SYSREF
input can also be used to timestamp samples, another method
by which multiple channels and multiple devices can achieve
synchronization. This method is especially effective when
synchronizing multiple devices to one or more logic devices. The
logic devices buffer the data streams, identify the timestamped
samples, and align them. When the synchronization mode bit
(Register 0x01FF, Bit 0) is set to 1, the timestamp method is
used for synchronization of multiple channels and/or devices.
In this mode, SYSREF resets the sample dividers and the
JESD204B clocking. When the chip sync mode is set to 1, the
clocks are not reset; instead, the coinciding sample is timestamped
using the JESD204B control bits of that sample. To operate in
timestamp mode, these additional settings are necessary:
•
Continuous or N-shot SYSREF must be enabled
(Register 0x0120, Bits[2:1] = 1 or 2 decimal).
•
At least one control bit must be enabled (Register 0x058F,
Bits[7:6] = 1, 2, or 3 decimal).
•
Set the function for one of the control bits to SYSREF:
Register 0x0559, Bits[3:0] = 5 decimal if using Control Bit
0, Register 0x0559, Bits[7:4] = 5 decimal if using Control
Bit 1, Register 0x055A, Bits[3:0] = 5 decimal if using
Control Bit 2.
Figure 146 shows how the input sample coincident with
SYSREF is timestamped and ultimately output from the ADC.
In this example, there are two control bits, and Control Bit 0 is
the bit indicating which sample was coincident with the
SYSREF rising edge. Note that the pipeline latencies for each
channel are identical. If so desired, the SYSREF± timestamp
delay register (Register 0x0123) can be used to adjust the timing
of which sample is time stamped.
Note that time stamping is not supported by any AD9689
operating modes that use decimation.
AINA
AINB
ENCODE CLK
SYSREF
CHANNEL B
CHANNEL A
N – 1
N
N + 1
N + 2
N + 3
N – 1
N
N + 1
N + 2
N + 3
N – 1
N
N + 1
2 CONTROL BITS
CONTROL BIT 0 USED TO
TIME STAMP SAMPLE N
14-BIT SAMPLES OUT
N + 2
N + 3
00
00
00
00
01
N – 1
N
N + 1
N + 2
N + 3
00
00
00
00
01
Figure 146. AD9689 Timestamping Example—CS = 2 (Register 0x058F, Bits[7:6] = 2 Decimal), Control Bit 0 is SYSREF (Register 0x0559, Bits[3:0] = 5 Decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com