Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9689-2000EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 26Page - Analog Devices AD9689-2000EBZ Datasheet HTML 27Page - Analog Devices AD9689-2000EBZ Datasheet HTML 28Page - Analog Devices AD9689-2000EBZ Datasheet HTML 29Page - Analog Devices AD9689-2000EBZ Datasheet HTML 30Page - Analog Devices AD9689-2000EBZ Datasheet HTML 31Page - Analog Devices AD9689-2000EBZ Datasheet HTML 32Page - Analog Devices AD9689-2000EBZ Datasheet HTML 33Page - Analog Devices AD9689-2000EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 30 of 134
Input Common Mode
The analog inputs of the AD9689 are internally biased to the
common-mode voltage, as shown in Figure 82. The common-
mode buffer has a limited range in that the performance suffers
greatly if the common-mode voltage drops by more than 50 mV on
either side of the nominal value.
For dc-coupled applications, the recommended operation procedure
is to export the common-mode voltage to the VREF pin using
the SPI writes listed in this section. The common-mode voltage
must be set by the exported value to ensure proper ADC
operation. Disconnect the internal common-mode buffer from
the analog input using Register 0x1908.
When performing SPI writes for dc coupling operation, use the
following register settings in order:
1. Set Register 0x1908, Bit 2 to disconnect the internal
common-mode buffer from the analog input. Note that
this is a local register.
2. Set Register 0x18A6 to 0x00 to turn off the voltage reference.
3. Set Register 0x18E6 to 0x00 to turn off the temperature
diode export.
4. Set Register 0x18E3, Bit 6 to 1 to turn on the VCM export.
5. Set Register 0x18E3, Bits[5:0] to the buffer current setting
(Register 0x1A4C and Register 0x1A4D) to improve the
accuracy of the common-mode export.
Figure 81 shows the block diagram of a dc-coupled application.
ADC
ADC
AMP A
VOCM
VOCM
VREF
VCM EXPORT SELECT
SPI REGISTERS 0x1908,
0x18A6, 0x18E3, 0x18E6)
ADC
AMP B
Figure 81. DC-Coupled Application Using the AD9689
Analog Input Buffer Controls and SFDR Optimization
VIN+x
100Ω
100Ω
AVDD3
AVDD3
0.3pF
AVDD3
VIN–x
AVDD3
REG
(0x0008,
0x1908)
REG (0x0008, 0x1A4C,
0x1A4D, 0x1910)
AVDD3
0.3pF
Figure 82. Analog Input Controls
The AD9689 input buffer offers flexible controls for the analog
inputs, such as buffer current, dc coupling, and input full-scale
adjustment. All the available controls are shown in Figure 82.
Using Register 0x1A4C and Register 0x1A4D, the buffer behavior
on each channel can be adjusted to optimize the SFDR over various
input frequencies and bandwidths of interest. Use Register 0x1910
to change the internal reference voltage. Changing the internal
reference voltage results in a change in the input full-scale voltage.
When the input buffer current in Register 0x1A4C and
Register 0x1A4D is set, the amount of current required by the
AVDD3 supply changes. This relationship is shown in Figure 83.
For a complete list of buffer current settings, see Table 46 and
Table 53.
0.17
0.18
0.19
0.2
0.21
0.22
0.23
0.24
0.25
0.26
400
500
600
700
BUFFER CURRENT SETTING (µA)
Figure 83. AVDD3 Current (IAVDD3) vs. Buffer Current Setting (Buffer Control 1
Setting in Register 0x1A4C and Buffer Control 2 Setting in Register 0x1A4D)
Table 10 shows the recommended values for the buffer current
for various Nyquist zones.
Table 10. SFDR Optimization for Input Frequencies
Product
Frequency
Register
0x1A4C
and
Register
0x1A4D
High
Frequency
Setting
Register
0x1A48
AD9689-2600
DC to 1.3 GHz
Default
(300 µA)
Default (0x14)
1.3 GHz to 2.6 GHz
500 µA
Default (0x14)
>2.6 GHz
700 µA
0x54
AD9689-2000
DC to 1000 MHz
Default
(300 µA)
N/A1
1 GHz to 2 GHz
500 µA
N/A
>2 GHz
700 µA
N/A
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com